Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-45D16CD641KS Datasheet(PDF) 8 Page - Elpida Memory

Part # MC-45D16CD641KS
Description  16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16CD641KS Datasheet(HTML) 8 Page - Elpida Memory

Back Button MC-45D16CD641KS Datasheet HTML 4Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 5Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 6Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 7Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 8Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 9Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 10Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 11Page - Elpida Memory MC-45D16CD641KS Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Preliminary Data Sheet E0187N10
8
Synchronous Characteristics
Parameter
Symbol
-C75 (PC266B)
-C80 (PC200)
Unit
Note
MIN.
MAX.
MIN.
MAX.
Clock cycle time
CL = 2.5
tCK
7.5
15
8
15
ns
CL = 2
10
15
10
15
CLK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CLK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
DQ output access time from CLK, /CLK
tAC
–0.75
0.75
–0.8
0.8
ns
DQS output access time from CLK, /CLK
tDQSCK
–0.75
0.75
–0.8
0.8
ns
DQS-DQ skew (for DQS and associated DQ
signals)
tDQSQ
–0.5
0.5
–0.6
0.6
ns
DQS-DQ skew (for DQS and all DQ signals)
tDQSQA
–0.5
0.5
–0.6
0.6
ns
Data out low-impedance time from CLK, /CLK
tLZ
–0.75
0.75
–0.8
0.8
ns
Data out high-impedance time from CLK, /CLK
tHZ
–0.75
0.75
–0.8
0.8
ns
Half clock period
tHP
tCH, tCL
tCH, tCL
ns
DQS read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
DQS read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
DQ-DQS hold, DQS to first DQ to go non-valid,
per access
tQH
tHP – 0.75
tHP – 1
ns
DQ and DM input setup time
tDS
0.5
0.6
ns
DQ and DM input hold time
tDH
0.5
0.6
ns
DQ and DM input pulse width (for each input)
tDIPW
1.75
2
ns
DQS write preamble setup time
tWPRES
0
0
ns
DQS write preamble
tWPRE
0.25
0.25
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
Write command to first DQS latching transition
tDQSS
0.75
1.25
0.75
1.25
tCK
DQS input high pulse width
tDQSH
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
tCK
DQS falling edge to CLK setup time
tDSS
0.2
0.2
tCK
DQS falling edge hold time from CLK
tDSH
0.2
0.2
tCK
Address and control input setup time
tIS
0.9
1.1
ns
Address and control input hold time
tIH
0.9
1.1
ns
Address and control input pulse width
tIPW
2.2
2.5
ns
Internal write to read command delay
tWTR
1
1
tCK
Remark These specifications are applied to the monolithic device.


Similar Part No. - MC-45D16CD641KS

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C75 NEC-MC-45D16CA721KF-C75 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721KF-C75 ELPIDA-MC-45D16CA721KF-C75 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C80 NEC-MC-45D16CA721KF-C80 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-45D16CD641KS

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD64ES ELPIDA-MC-4516CD64ES Datasheet
143Kb / 16P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com