Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTAM040A1Y05X Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTAM040A1Y05X
Description  65 Watt Single Output AC/DC Medical Desktop Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTAM040A1Y05X Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTAM040A1Y05X Datasheet HTML 1Page - Wall Industries,Inc. DTAM040A1Y05X Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTAM65 Series
65 Watt
Single Output
AC/DC Medical Desktop Adapter
FEATURES
● LED Option
● High Reliability
● Universal Input
● 100% Hi-Pot Tested
● AC Inlet: IEC 320-C14
● 100% BURN-IN Tested
● Safety Approvals, EMC Compliance
SPECIFICATIONS: DTAM65 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 - 264VAC (Full Range)
Rated Input Voltage Range
100 - 240VAC
Input Frequency
47 - 63Hz
Input Current
2A max.
Inrush Current
30A at maximum at 115VAC,
60A at maximum at 230VAC
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Line Regulation
< 1%
Ripple & Noise (20MHz BW)
See Table
Hold Up Time
>16.6ms typical at full load and 115VAC
PROTECTION
Short Circuit Protection
Auto recover
Over Voltage Protection
Auto recover
Over Power Protection
Auto recover
GENERAL SPECIFICATIONS
Efficiency
5V, 12V > 75% Avg.
115 or 230VAC
15V ~ 48V > 85% Avg. 115 or 230VAC (Meet CEC 2008)
No Load Power Consumption
< 0.5W at 230VAC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient (derating at 2.5%/°C from 50°C to 70°C)
Storage Temperature
-10°C to +85°C
MTBF
>100,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Weight
Approximately 12oz.
Dimensions
132.0(L) x 69.00(W) x 40.00(H) mm
AC Input
IEC 320-C14 Inlet
Warranty
2 years
SAFETY & EMI
Safety Standards
UL/c-UL UL60601-1, TUV EN60601-1, CB IEC60601-1
EMC Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE


Similar Part No. - DTAM040A1Y05X

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTAM-160A-1Y12H WALL-DTAM-160A-1Y12H Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
DTAM-160A-1Y15H WALL-DTAM-160A-1Y15H Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
DTAM-160A-1Y19H WALL-DTAM-160A-1Y19H Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
DTAM-165A-1Y24H WALL-DTAM-165A-1Y24H Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
DTAM-165A-1Y28H WALL-DTAM-165A-1Y28H Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTAM040A1Y05X

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTA65 WALL-DTA65 Datasheet
139Kb / 2P
   Single Output Up to 65 Watts AC/DC Desktop Adapter
DTMPU63 WALL-DTMPU63 Datasheet
151Kb / 3P
   63 Watt Single Output AC/DC Medical Desktop Power Supply
DTA-080 WALL-DTA-080 Datasheet
135Kb / 2P
   With Active PFC 80 Watt Single Output AC/DC Desktop Adapter
DTMPU15 WALL-DTMPU15 Datasheet
200Kb / 3P
   15 Watt Single Output For Medical Equipment AC/DC Desktop Power Supply
DTAM200 WALL-DTAM200 Datasheet
85Kb / 2P
   Active PFC 200 Watt Single Output AC - DC Medical Desktop Power Supply
DTMPU130 WALL-DTMPU130 Datasheet
104Kb / 2P
   130 Watt, Single Output Medical Grade Approvals AC - DC Desktop Power Supply
logo
Power Systems GmbH+Co.K...
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
logo
Volgen Kaga Electronics...
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
   65 Watt Universal Input, Desktop Adapter
KTPS65-2427DT-3P VOLGEN-KTPS65-2427DT-3P Datasheet
113Kb / 2P
   65 Watt Universal Input, Desktop Adapter
logo
Powerbox
PM66 POWERBOX-PM66 Datasheet
622Kb / 2P
   51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com