Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD1204ALTA Datasheet(PDF) 4 Page - Elpida Memory

Part # EDD1204ALTA
Description  128 M-bit Synchronous DRAM with Double Data Rate (4-bank, SSTL_2)
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1204ALTA Datasheet(HTML) 4 Page - Elpida Memory

  EDD1204ALTA Datasheet HTML 1Page - Elpida Memory EDD1204ALTA Datasheet HTML 2Page - Elpida Memory EDD1204ALTA Datasheet HTML 3Page - Elpida Memory EDD1204ALTA Datasheet HTML 4Page - Elpida Memory EDD1204ALTA Datasheet HTML 5Page - Elpida Memory EDD1204ALTA Datasheet HTML 6Page - Elpida Memory EDD1204ALTA Datasheet HTML 7Page - Elpida Memory EDD1204ALTA Datasheet HTML 8Page - Elpida Memory EDD1204ALTA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
Preliminary Data Sheet E0136E30
4
EDD1204ALTA, EDD1208ALTA, EDD1216ALTA
Pin Configurations
/xxx indicates active low signal.
[EDD1204ALTA]
66-pin Plastic TSOP (II) (10.16 mm (400))
8M word x 4 bit x 4 bank
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
NC
NC
VDDQ
NC
NC
VDD
NC
NC
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
NC
NC
VSSQ
DQS
NC
VREF
VSS
DM
/CLK
CLK
CKE
NC
NC
A11
A9
A8
A7
A6
A5
A4
VSS
A0 - A11
: Address inputs
A0 - A11
: Row address inputs
A0 - A9, A11 : Column address inputs
BA0, BA1
: Bank select
DQ0 - DQ3
: Data inputs/outputs
DQS
: Data strobe
CLK, /CLK
: System clock input
CKE
: Clock enable
/CS
: Chip select
/RAS
: Row address strobe
/CAS
: Column address strobe
/WE
: Write enable
DM
: DQ write mask enable
VDD
: Supply voltage
VSS
: Ground
VDDQ
: Supply voltage for DQ and DQS
VSSQ
: Ground for DQ and DQS
VREF
: Input reference
NC
: No connection


Similar Part No. - EDD1204ALTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE-6B-E ELPIDA-EDD1216AASE-6B-E Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE-7A-E ELPIDA-EDD1216AASE-7A-E Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
More results

Similar Description - EDD1204ALTA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S64322A ESMT-M13S64322A Datasheet
824Kb / 49P
   512K x 32 Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com