Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM36405EA-S Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM36405EA-S
Description  Single P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM36405EA-S Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM36405EA-S Datasheet HTML 1Page - ELM Technology Corporation ELM36405EA-S Datasheet HTML 2Page - ELM Technology Corporation ELM36405EA-S Datasheet HTML 3Page - ELM Technology Corporation ELM36405EA-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.5
1
1.5
2
2.5
0
3
6
9
12
15
-2.0V
-2.5V
-3.0V
VGS=-4.5V
-3.5V
-VGS, Drain-Source Voltage(V)
On-Region Characteristics.
3
2.5
2
1.5
1
0.5
15
12
9
6
3
0
VGS=-2.0V
-2.5V
-3.0V
-3.5V
-4.0V
-4.5V
-ID, Drain Current(A)
On-Region Variation With
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
VGS=-4.5V
ID=-5A
TJ, Junction Temperature(C°)
On-Region Variation With
Temperature.
1.5
2
2.5
3
3.5
44.5
5
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.18
-VSD, Gate To Source Voltage(V)
TA=25°
TA=125°
ID=-2.5A
On-Region Variation WithGate-to Source Voltage.
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
10
-VSD, Body Diode Forward Voltage(V)
VGS=0V
TA=125°
25° C
-55° C
Body Diode Forward Voltage Variation
With Source Current and Temperature.
0
0.5
1
1.5
2
0
2
4
6
8
10
-VGS(Volts)
Transfer Characteristics.
VDS=-5.0V
TA=-55°C
125°C
25°C


Similar Part No. - ELM36405EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36405EA-S ELM-ELM36405EA-S Datasheet
812Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM36405EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36403EA-S ELM-ELM36403EA-S Datasheet
976Kb / 4P
   Single P-channel MOSFET
ELM36405EA-S ELM-ELM36405EA-S Datasheet
812Kb / 4P
   Single P-channel MOSFET
ELM23401CA-S ELM-ELM23401CA-S Datasheet
1Mb / 3P
   Single P-channel MOSFET
ELM340703A-N ELM-ELM340703A-N Datasheet
811Kb / 4P
   Single P-channel MOSFET
ELM53401CA-S ELM-ELM53401CA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM342004A-N ELM-ELM342004A-N Datasheet
820Kb / 4P
   Single P-channel MOSFET
ELM549407A-N ELM-ELM549407A-N Datasheet
1Mb / 5P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM13401CA-S ELM-TECH-ELM13401CA-S Datasheet
383Kb / 4P
   Single P-channel MOSFET
ELM13405CA-S ELM-TECH-ELM13405CA-S Datasheet
391Kb / 4P
   Single P-channel MOSFET
ELM13409CA-S ELM-TECH-ELM13409CA-S Datasheet
395Kb / 4P
   Single P-channel MOSFET
ELM34401AA-N ELM-TECH-ELM34401AA-N Datasheet
433Kb / 4P
   Single P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com