Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-45D16DA721KF-C80 Datasheet(PDF) 6 Page - Elpida Memory

Part # MC-45D16DA721KF-C80
Description  16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16DA721KF-C80 Datasheet(HTML) 6 Page - Elpida Memory

Back Button MC-45D16DA721KF-C80 Datasheet HTML 2Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 3Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 4Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 5Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 6Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 7Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 8Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 9Page - Elpida Memory MC-45D16DA721KF-C80 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Preliminary Data Sheet E0038N10
6
DC Characteristics 1 (Recommended Operating Conditions unless otherwise noted)
Parameter
Symbol
Test condition
/CAS
latency
Grade
MIN.
MAX.
Unit
Notes
-C75
TBD
mA
Operating current
(ACT-PRE)
IDD0
tRC = tRC(MIN.), tCK = tCK (MIN.), One bank,
Active-precharge, DQ, DM and DQS
inputs changing twice per clock cycle,
Address and control inputs changing
once per clock cycle
-C80
TBD
CL = 2
-C75
TBD
mA
1
-C80
TBD
CL = 2.5 -C75
TBD
Operating current
(ACT-READ-PRE)
IDD1
tRC = tRC(MIN.), tCK = tCK (MIN.), One
bank, Active-read-precharge,
IO = 0 mA, Burst length = 2,
Address and control inputs
changing once per clock cycle
-C80
TBD
Precharge power down
standby current
IDD2P
CKE
≤ VIL(MAX.), tCK = tCK(MIN.),
All banks idle, Power down mode
TBD
mA
Idle standby current
IDD2N
CKE
≥ VIH(MIN.), tCK = tCK(MIN.), /CS ≥ VIH(MIN.),
All banks idle, Address and other control inputs
changing once per clock cycle
TBD
mA
Active power down
standby current
IDD3P
CKE
≤ VIL(MAX.), tCK = tCK(MIN.), One bank active,
Power down mode
TBD
mA
Active standby current
IDD3N
/CS
≥ VIH(MIN.), CKE ≥ VIH(MIN.), tCK = tCK(MIN.), tRC =
tRAS(MAX.), One bank, Active-precharge, DQ, DM
and DQS inputs changing twice per clock
cycle, Address and other control inputs
changing once per clock cycle
TBD
mA
CL = 2
-C75
TBD
mA
2
-C80
TBD
CL = 2.5 -C75
TBD
Operating current
(Burst read)
IDD4R
tCK = tCK(MIN.), Continuous burst
read, Burst length = 2, IO =
0mA, One bank active,
Address and control inputs
changing once per clock cycle
-C80
TBD
CL = 2
-C75
TBD
mA
2
-C80
TBD
CL = 2.5 -C75
TBD
Operating current
(Burst write)
IDD4W
tCK = tCK(MIN.), Continuous burst
write, Burst length = 2, One
bank active, Address and
control inputs changing once
per clock cycle
-C80
TBD
CBR (auto) refresh current
IDD5
tRFC = tRFC(MIN.)
-C75
TBD
mA
-C80
TBD
Self refresh current
IDD6
CKE
≤ 0.2 V
TBD
mA
Notes 1. IDD1 depends on output loading and cycle rates. Specified values are obtained with the output open.
2. IDD4R and IDD4W depend on output loading and cycle rates. Specified values are obtained with the output
open.
DC Characteristics 2 (Recommended Operating Conditions unless otherwise noted)
Parameter
Symbol
Test condition
MIN.
MAX.
Unit Notes
Input leakage current
II(L)
VI = 0 to 3.6 V, all other pins not under test = 0 V
TBD
TBD
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to VDDQ + 0.3 V
TBD
TBD
µA
Output high current
IOH
VOUT = VDDQ
− 0.43 V
TBD
mA
Output low current
IOL
VOUT = 0.35 V
TBD
mA


Similar Part No. - MC-45D16DA721KF-C80

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C75 NEC-MC-45D16CA721KF-C75 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721KF-C75 ELPIDA-MC-45D16CA721KF-C75 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C80 NEC-MC-45D16CA721KF-C80 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-45D16DA721KF-C80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com