Electronic Components Datasheet Search |
|
MC-45D16CA721KF-C80 Datasheet(PDF) 1 Page - Elpida Memory |
|
MC-45D16CA721KF-C80 Datasheet(HTML) 1 Page - Elpida Memory |
1 / 16 page MOS INTEGRATED CIRCUIT MC-45D16CA721 Document No. E0035N10 (1st edition) (Previous No. M14898EJ2V0DS00) Date Published January 2001 CP (K) Printed in Japan PRELIMINARY DATA SHEET 16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version. Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for availability and additional information. Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd. Description The MC-45D16CA721 is a 16,777,216 words by 72 bits DDR synchronous dynamic RAM module on which 9 pieces of 128M DDR SDRAM: µPD45D128842 are assembled. These modules provide high density and large quantities of memory in a small space without utilizing the surface- mounting technology on the printed circuit board. Decoupling capacitors are mounted on power supply line for noise reduction. Features • 16,777,216 words by 72 bits organization (ECC type) • Clock frequency Part number /CAS latency Clock frequency Module type (MAX.) MC-45D16CA721KF-C75 CL = 2.5 133 MHz DDR SDRAM CL = 2 100 MHz Unbuffered DIMM MC-45D16CA721KF-C80 CL = 2.5 125 MHz Design specification CL = 2 100 MHz Rev.0.9 compliant • Fully Synchronous Dynamic RAM with all signals except DM, DQS and DQ referenced to a positive clock edge • Double Data Rate interface Differential CLK (/CLK) input Data inputs and DM are synchronized with both edges of DQS Data outputs and DQS are synchronized with a cross point of CLK and /CLK • Quad internal banks operation • Possible to assert random column address in every clock cycle • Programmable Mode register set /CAS latency (2, 2.5) Burst length (2, 4, 8) Wrap sequence (Sequential / Interleave) • Automatic precharge and controlled precharge • CBR (Auto) refresh and self refresh • 2.5 V ± 0.2 V Power supply for VDD • 2.5 V ± 0.2 V Power supply for VDDQ • SSTL_2 compatible with all signals • 4,096 refresh cycles / 64 ms • Burst termination by Precharge command and Burst stop command • 184-pin dual in-line memory module (Pin pitch = 1.27 mm) • Unbuffered type • Serial PD |
Similar Part No. - MC-45D16CA721KF-C80 |
|
Similar Description - MC-45D16CA721KF-C80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |