Electronic Components Datasheet Search |
|
DTAF1806-Y Datasheet(PDF) 1 Page - Wall Industries,Inc. |
|
DTAF1806-Y Datasheet(HTML) 1 Page - Wall Industries,Inc. |
1 / 2 page Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 DTA18-Y Series 15-18 Watts Single Output AC/DC Desktop Power Supply Rev. B FEATURES ● Single Output ● Energy Star Compliant ● Short Circuit Protected ● Output Current from 1.2~3A ● IEC-320-C8 AC Inlet Connector ● Output Voltages from 5~15VDC DESCRIPTION The DTA18-Y Series offers 15 to 18 Watts in a universal input single output desktop power supply. Output voltages are available from 5VDC to 15VDC. This series is Energy Star Compliant and also has short circuit protection. All models come with an IEC-320-C8 AC inlet connector. SPECIFICATIONS: DTA18-Y Series All specifications apply @ ±25°C ambient unless otherwise noted INPUT SPECIFICATIONS Input Range ............................................................ 100 - 240VAC Input Frequency ............................................................... 50-60Hz Leakage Current ....................................................... 0.25mA max Inrush Current ...............................................30A max @ 115VAC OUTPUT SPECIFICATIONS Output Current ................................................................ see table Output Voltage ................................................................ see table Line Regulation ...................................................................... ±1% Load Regulation ..................................................................... ±5% Ripple/Noise (20 MHz BW) ...................................................... 1% Hold Up Time .....................................................10ms @ 115VAC PROTECTION Short Circuit Protection................................................. Continuous Over Voltage Protection........................................................Option ENVIRONMENTAL SPECIFICATIONS Operating Temperature .................................................. 0 ~ +40°C Storage Temperature................................................... -25 ~ +85°C PHYSICAL SPECIFICATIONS Weight ................................................................................. 123.2g Dimensions ..............................................2.91 x 1.85 x 1.06 inches 74 x 47 x 27 mm AC Inlet Connector ...................................................... IEC-320-C8 SAFETY EMI Conduction ...................................................CISPR22 class B Due to advances in technology, specifications subject to change without notice |
Similar Part No. - DTAF1806-Y |
|
Similar Description - DTAF1806-Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |