Electronic Components Datasheet Search |
|
MC-45D16CB641KF-C80 Datasheet(PDF) 6 Page - Elpida Memory |
|
MC-45D16CB641KF-C80 Datasheet(HTML) 6 Page - Elpida Memory |
6 / 16 page Preliminary Data Sheet E0034N10 6 DC Characteristics 1 (Recommended Operating Conditions unless otherwise noted) Parameter Symbol Test condition /CAS latency Grade MIN. MAX. Unit Notes -C75 TBD mA Operating current (ACT-PRE) IDD0 tRC = tRC(MIN.), tCK = tCK (MIN.), One bank, Active-precharge, DQ, DM and DQS inputs changing twice per clock cycle, Address and control inputs changing once per clock cycle -C80 TBD CL = 2 -C75 TBD mA 1 -C80 TBD CL = 2.5 -C75 TBD Operating current (ACT-READ-PRE) IDD1 tRC = tRC(MIN.), tCK = tCK (MIN.), One bank, Active-read-precharge, IO = 0 mA, Burst length = 2, Address and control inputs changing once per clock cycle -C80 TBD Precharge power down standby current IDD2P CKE ≤ VIL(MAX.), tCK = tCK(MIN.), All banks idle, Power down mode TBD mA Idle standby current IDD2N CKE ≥ VIH(MIN.), tCK = tCK(MIN.), /CS ≥ VIH(MIN.), All banks idle, Address and other control inputs changing once per clock cycle TBD mA Active power down standby current IDD3P CKE ≤ VIL(MAX.), tCK = tCK(MIN.), One bank active, Power down mode TBD mA Active standby current IDD3N /CS ≥ VIH(MIN.), CKE ≥ VIH(MIN.), tCK = tCK(MIN.), tRC = tRAS(MAX.), One bank, Active-precharge, DQ, DM and DQS inputs changing twice per clock cycle, Address and other control inputs changing once per clock cycle TBD mA CL = 2 -C75 TBD mA 2 -C80 TBD CL = 2.5 -C75 TBD Operating current (Burst read) IDD4R tCK = tCK(MIN.), Continuous burst read, Burst length = 2, IO = 0mA, One bank active, Address and control inputs changing once per clock cycle -C80 TBD CL = 2 -C75 TBD mA 2 -C80 TBD CL = 2.5 -C75 TBD Operating current (Burst write) IDD4W tCK = tCK(MIN.), Continuous burst write, Burst length = 2, One bank active, Address and control inputs changing once per clock cycle -C80 TBD CBR (auto) refresh current IDD5 tRFC = tRFC(MIN.) -C75 TBD mA -C80 TBD Self refresh current IDD6 CKE ≤ 0.2 V TBD mA Notes 1. IDD1 depends on output loading and cycle rates. Specified values are obtained with the output open. 2. IDD4R and IDD4W depend on output loading and cycle rates. Specified values are obtained with the output open. DC Characteristics 2 (Recommended Operating Conditions unless otherwise noted) Parameter Symbol Test condition MIN. MAX. Unit Notes Input leakage current II(L) VI = 0 to 3.6 V, all other pins not under test = 0 V TBD TBD µA Output leakage current IO(L) DOUT is disabled, VO = 0 to VDDQ + 0.3 V TBD TBD µA Output high current IOH VOUT = VDDQ − 0.43 V TBD mA Output low current IOL VOUT = 0.35 V TBD mA |
Similar Part No. - MC-45D16CB641KF-C80 |
|
Similar Description - MC-45D16CB641KF-C80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |