Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB52E649EN-A6B Datasheet(PDF) 6 Page - Elpida Memory

Part # HB52E649EN-A6B
Description  512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52E649EN-A6B Datasheet(HTML) 6 Page - Elpida Memory

Back Button HB52E649EN-A6B Datasheet HTML 2Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 3Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 4Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 5Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 6Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 7Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 8Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 9Page - Elpida Memory HB52E649EN-A6B Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HB52E648EN/HB52E649EN-A6B/B6B
Preliminary Data Sheet E0013H10
6
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
34
A2
76
DQ30
118
A3
160
DQ62
35
A4
77
DQ31
119
A5
161
DQ63
36
A6
78
V
SS
120
A7
162
V
SS
37
A8
79
CK2
121
A9
163
CK3
38
A10 (AP)
80
NC
122
BA0
164
NC
39
BA1
81
WP
123
A11
165
SA0
40
V
CC
82
SDA
124
V
CC
166
SA1
41
V
CC
83
SCL
125
CK1
167
SA2
42
CK0
84
V
CC
126
A12
168
V
CC
Notes: 1. CKE1: HB52E649EN
2.
S3: HB52E649EN
3.
S1: HB52E649EN
Pin Description (HB52E648EN)
Pin name
Function
A0 to A12
Address input
 Row address
A0 to A12
 Column address
A0 to A9
BA0/BA1
Bank select address
DQ0 to DQ63
Data input/output
S0 to S3
Chip select input
RE
Row enable (RAS) input
CE
Column enable (CAS) input
W
Write enable input
DQMB0 to DQMB7
Byte data mask
CK0 to CK3
Clock input
CKE0, CKE1
Clock enable input
WP
Write protect for serial PD
SDA
Data input/output for serial PD
SCL
Clock input for serial PD
SA0 to SA2
Serial address input
V
CC
Primary positive power supply
V
SS
Ground
NC
No connection


Similar Part No. - HB52E649EN-A6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12-A6B ELPIDA-HB52E649E12-A6B Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12-B6B ELPIDA-HB52E649E12-B6B Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
More results

Similar Description - HB52E649EN-A6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F648EN-75B ELPIDA-HB52F648EN-75B Datasheet
200Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 133 MHz Memory Bus PC133 SDRAM
HB52RF648DC-B ELPIDA-HB52RF648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Elpida Memory
HB52F328EM-75B ELPIDA-HB52F328EM-75B Datasheet
143Kb / 19P
   256MB Unbuffered SDRAM DIMM
logo
Hynix Semiconductor
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com