Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE20RE4ABFA-4A-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EBE20RE4ABFA-4A-E
Description  2GB Registered DDR2 SDRAM DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE20RE4ABFA-4A-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBE20RE4ABFA-4A-E Datasheet HTML 2Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 3Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 4Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 5Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 6Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 7Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 8Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 9Page - Elpida Memory EBE20RE4ABFA-4A-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
EBE20RE4ABFA
Data Sheet E0873E40 (Ver. 4.0)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value Comments
30
Minimum active to precharge time
(tRAS)
-6E, -5C
0
0
1
0
1
1
0
1
2DH
45ns
-4A
0
0
1
0
1
0
0
0
28H
40ns
31
Module rank density
0
0
0
0
0
0
1
0
02H
2GB
32
Address and command setup time
before clock (tIS)
-6E
0
0
1
0
0
0
0
0
20H
0.20ns*
1
-5C
0
0
1
0
0
1
0
1
25H
0.25ns*
1
-4A
0
0
1
1
0
1
0
1
35H
0.35ns*
1
33
Address and command hold time after
clock (tIH)
-6E
0
0
1
0
0
1
1
1
27H
0.27ns*
1
-5C
0
0
1
1
0
1
1
1
37H
0.37ns*
1
-4A
0
1
0
0
0
1
1
1
47H
0.47ns*
1
34
Data input setup time before clock
(tDS)
-6E, -5C
0
0
0
1
0
0
0
0
10H
0.10ns*
1
-4A
0
0
0
1
0
1
0
1
15H
0.15ns*
1
35
Data input hold time after clock (tDH)
-6E
0
0
0
1
0
1
1
1
17H
0.17ns*
1
-5C
0
0
1
0
0
0
1
0
22H
0.22ns*
1
-4A
0
0
1
0
0
1
1
1
27H
0.27ns*
1
36
Write recovery time (tWR)
0
0
1
1
1
1
0
0
3CH
15ns*
1
37
Internal write to read command delay
(tWTR)
-6E, -5C
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
-4A
0
0
1
0
1
0
0
0
28H
10ns*
1
38
Internal read to precharge command
delay (tRTP)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
39
Memory analysis probe characteristics 0
0
0
0
0
0
0
0
00H
TBD
40
Extension of Byte 41 and 42
0
0
0
0
0
1
1
0
06H
41
Active command period (tRC)
-6E, -5C
0
0
1
1
1
1
0
0
3CH
60ns*
1
-4A
0
0
1
1
0
1
1
1
37H
55ns*
1
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
0
1
1
1
1
1
1
1
7FH
127.5ns*
1
43
SDRAM tCK cycle max. (tCK max.)
1
0
0
0
0
0
0
0
80H
8ns*
1
44
Dout to DQS skew
-6E
0
0
0
1
1
0
0
0
18H
0.24ns*
1
-5C
0
0
0
1
1
1
1
0
1EH
0.30ns*
1
-4A
0
0
1
0
0
0
1
1
23H
0.35ns*
1
45
Data hold skew (tQHS)
-6E
0
0
1
0
0
0
1
0
22H
0.34ns*
1
-5C
0
0
1
0
1
0
0
0
28H
0.40ns*
1
-4A
0
0
1
0
1
1
0
1
2DH
0.45ns*
1
46
PLL relock time
0
0
0
0
1
1
1
1
0FH
15
µs
47 to 61
0
0
0
0
0
0
0
0
00H
62
SPD Revision
0
0
0
1
0
0
1
0
12H
Rev. 1.2


Similar Part No. - EBE20RE4ABFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE20RE4AAFA ELPIDA-EBE20RE4AAFA Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBE20RE4AAFA-4A-E ELPIDA-EBE20RE4AAFA-4A-E Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBE20RE4AAFA-5C-E ELPIDA-EBE20RE4AAFA-5C-E Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBE20RE4ACFA ELPIDA-EBE20RE4ACFA Datasheet
252Kb / 29P
   2GB Registered DDR2 SDRAM DIMM
EBE20RE4ACFA-4A-E ELPIDA-EBE20RE4ACFA-4A-E Datasheet
252Kb / 29P
   2GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE20RE4ABFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACFA ELPIDA-EBE21AE8ACFA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72D1BH2MT-25R ETC2-SEP02G72D1BH2MT-25R Datasheet
669Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE20AE4ACWA ELPIDA-EBE20AE4ACWA Datasheet
239Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACWA ELPIDA-EBE21AE8ACWA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com