Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21AD4AGFA-4A-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EBE21AD4AGFA-4A-E
Description  2GB Registered DDR2 SDRAM DIMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21AD4AGFA-4A-E Datasheet(HTML) 1 Page - Elpida Memory

  EBE21AD4AGFA-4A-E Datasheet HTML 1Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 2Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 3Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 4Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 5Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 6Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 7Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 8Page - Elpida Memory EBE21AD4AGFA-4A-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Document No. E0866E11 (Ver. 1.1)
Date Published February 2006 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2006
PRELIMINARY DATA SHEET
2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFA (256M words
× 72 bits, 2 Ranks)
Specifications
• Density: 2GB
• Organization
 256M words × 72 bits, 2 ranks
• Mounting 36 pieces of 512M bits DDR2 SDRAM
sealed in FBGA
• Package: 240-pin socket type dual in line memory
module (DIMM)
 PCB height: 30.0mm
 Lead pitch: 1.0mm
 Lead-free (RoHS compliant)
• Power supply: VDD = 1.8V ± 0.1V
• Data rate: 667Mbps/533Mbps/400Mbps (max.)
• Four internal banks for concurrent operation
(components)
• Interface: SSTL_18
• Burst lengths (BL): 4, 8
• /CAS Latency (CL): 3, 4, 5
• Precharge: auto precharge option for each burst
access
• Refresh: auto-refresh, self-refresh
• Refresh cycles: 8192 cycles/64ms
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 4 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• /DQS can be disabled for single-ended Data Strobe
operation
• 1 piece of PLL clock driver, 4 pieces of register driver
and 1 piece of serial EEPROM (2K bits EEPROM) for
Presence Detect (PD)


Similar Part No. - EBE21AD4AGFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21AD4AGFB ELPIDA-EBE21AD4AGFB Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFB-4A-E ELPIDA-EBE21AD4AGFB-4A-E Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFB-5C-E ELPIDA-EBE21AD4AGFB-5C-E Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFB-6E-E ELPIDA-EBE21AD4AGFB-6E-E Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE21AD4AGFA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACFA ELPIDA-EBE21AE8ACFA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72D1BH2MT-25R ETC2-SEP02G72D1BH2MT-25R Datasheet
669Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE20AE4ACWA ELPIDA-EBE20AE4ACWA Datasheet
239Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACWA ELPIDA-EBE21AE8ACWA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com