Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21AD4AGFA-5C-E Datasheet(PDF) 9 Page - Elpida Memory

Part # EBE21AD4AGFA-5C-E
Description  2GB Registered DDR2 SDRAM DIMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21AD4AGFA-5C-E Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBE21AD4AGFA-5C-E Datasheet HTML 5Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 6Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 7Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 8Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 9Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 10Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 11Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 12Page - Elpida Memory EBE21AD4AGFA-5C-E Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
EBE21AD4AGFA
Preliminary Data Sheet E0866E11 (Ver. 1.1)
9
Differential Clock Net Wiring (CK0, /CK0)
120
0ns (nominal)
120
120
CK0
Notes: 1. The clock delay from the input of the PLL clock to the input of any SDRAM or register willl
be set to 0ns (nominal).
2. Input, output and feedback clock lines are terminated from line to line as shown, and not
from line to ground.
3. Only one PLL output is shown per output type. Any additional PLL outputs will be wired
in a similar manner.
4. Termination resistors for the PLL feedback path clocks are located as close to the
input pin of the PLL as possible.
C
/CK0
SDRAM
PLL
Feedback in
IN
OUT1
OUT'N'
Feedback out
SDRAM
120
Register 1
Register 2
Register 4
120
C
Register 3
C


Similar Part No. - EBE21AD4AGFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21AD4AGFB ELPIDA-EBE21AD4AGFB Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFB-4A-E ELPIDA-EBE21AD4AGFB-4A-E Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFB-5C-E ELPIDA-EBE21AD4AGFB-5C-E Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AGFB-6E-E ELPIDA-EBE21AD4AGFB-6E-E Datasheet
216Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE21AD4AGFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACFA ELPIDA-EBE21AE8ACFA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72D1BH2MT-25R ETC2-SEP02G72D1BH2MT-25R Datasheet
669Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE20AE4ACWA ELPIDA-EBE20AE4ACWA Datasheet
239Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACWA ELPIDA-EBE21AE8ACWA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com