Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21UE8AADA-4A-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE21UE8AADA-4A-E
Description  2GB DDR2 SDRAM SO-DIMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21UE8AADA-4A-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE21UE8AADA-4A-E Datasheet HTML 7Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 8Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 9Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 10Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 11Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 12Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 13Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 14Page - Elpida Memory EBE21UE8AADA-4A-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
EBE21UE8AADA
Preliminary Data Sheet E0767E10 (Ver. 1.0)
11
Parameter
Symbol
Grade
max.
Unit
Test condition
Auto-refresh current
(Another rank is in IDD2P)
IDD5
-5C
-4A
TBD
TBD
mA
Auto-refresh current
(Another rank is in IDD3N)
IDD5
-5C
-4A
TBD
TBD
mA
tCK = tCK (IDD);
Refresh command at every tRFC (IDD) interval;
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Self-refresh current
IDD6
TBD
mA
Self Refresh Mode;
CK and /CK at 0V;
CKE
≤ 0.2V;
Other control and address bus inputs are FLOATING;
Data bus inputs are FLOATING
Operating current
(Bank interleaving)
(Another rank is in IDD2P)
IDD7
-5C
-4A
TBD
TBD
mA
Operating current
(Bank interleaving)
(Another rank is in IDD3N)
IDD7
-5C
-4A
TBD
TBD
mA
all bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = tRCD (IDD)
−1
× tCK (IDD);
tCK = tCK (IDD), tRC = tRC (IDD), tRRD = tRRD(IDD),
tRCD = 1
× tCK (IDD);
CKE is H, CS is H between valid commands;
Address bus inputs are STABLE during DESELECTs;
Data pattern is same as IDD4W;
Notes: 1. IDD specifications are tested after the device is properly initialized.
2. Input slew rate is specified by AC Input Test Condition.
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, /DQS, RDQS, /RDQS, LDQS, /LDQS, UDQS, and /UDQS. IDD
values must be met with all combinations of EMRS bits 10 and 11.
5. Definitions for IDD
L is defined as VIN
≤ VIL (AC) (max.)
H is defined as VIN
≥ VIH (AC) (min.)
STABLE is defined as inputs stable at an H or L level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as:
inputs changing between H and L every other clock cycle (once per two clocks) for address and control
signals, and inputs changing between H and L every other data transfer (once per clock) for DQ signals
not including masks or strobes.
6. Refer to AC Timing for IDD Test Conditions.
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-533
DDR2-400
Parameter
4-4-4
3-3-3
Unit
CL(IDD)
4
3
tCK
tRCD(IDD)
15
15
ns
tRC(IDD)
60
55
ns
tRRD(IDD)
7.5
7.5
ns
tCK(IDD)
3.75
5
ns
tRAS(min.)(IDD)
45
40
ns
tRAS(max.)(IDD)
70000
70000
ns
tRP(IDD)
15
15
ns
tRFC(IDD)
127.5
127.5
ns


Similar Part No. - EBE21UE8AADA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8ABDA ELPIDA-EBE21UE8ABDA Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA-5C-E ELPIDA-EBE21UE8ABDA-5C-E Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA-6E-E ELPIDA-EBE21UE8ABDA-6E-E Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABFA ELPIDA-EBE21UE8ABFA Datasheet
224Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ABFA-4A-E ELPIDA-EBE21UE8ABFA-4A-E Datasheet
224Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE21UE8AADA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN02G64C4BH2MT-25[EW]R ETC2-SEN02G64C4BH2MT-25[EW]R Datasheet
437Kb / 14P
   2GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE21UE8ACUA ELPIDA-EBE21UE8ACUA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ACSA ELPIDA-EBE21UE8ACSA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA ELPIDA-EBE21UE8ABDA Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN02G64C4BF2SA-25[EW]R ETC2-SEN02G64C4BF2SA-25[EW]R Datasheet
400Kb / 14P
   2GB DDR2 ??SDRAM SO-DIMM
logo
Elpida Memory
EBE21UE8AESA ELPIDA-EBE21UE8AESA Datasheet
267Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BH2MT-25R ETC2-SEU02G64B3BH2MT-25R Datasheet
711Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com