Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232ECBH-75-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS1232ECBH-75-E
Description  128M bits SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232ECBH-75-E Datasheet(HTML) 5 Page - Elpida Memory

  EDS1232ECBH-75-E Datasheet HTML 1Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 2Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 3Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 4Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 5Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 6Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 7Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 8Page - Elpida Memory EDS1232ECBH-75-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
EDS1232ECBH-75
Preliminary Data Sheet E0747E20 (Ver. 2.0)
5
DC Characteristics 1 (TA = 0
°C to +70°C, VDD, VDDQ = 1.8V ± 0.1V, VSS, VSSQ = 0V)
Parameter
/CAS latency
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
IDD1
60
mA
Burst length = 1
tRC = tRC (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 3
Standby current in power down
IDD2P
2
mA
CKE ≤ 0.3V,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
6
Standby current in power down
(input signal stable)
IDD2PS
2
mA
CKE ≤ 0.3V, tCK =
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
7
Standby current in non power down
IDD2N
15
mA
CKE, /CS = VIH,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
4
Standby current in non power down
(input signal stable)
IDD2NS
7
mA
CKE = VIH, tCK =
∞,
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
8
Active standby current in power down
IDD3P
4
mA
CKE ≤ VIL,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 6
Active standby current in power down
(input signal stable)
IDD3PS
3
mA
CKE ≤ VIL, tCK =
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
2, 7
Active standby current in non power down IDD3N
20
mA
CKE, /CS = VIH,
tCK = tCK (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 4
Active standby current in non power down
(input signal stable)
IDD3NS
10
mA
CKE = VIH, tCK =
∞,
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
2, 8
Burst operating current
IDD4
80
mA
tCK = tCK (min.),
BL = 4
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
1, 2, 5
Refresh current
IDD5
140
mA
tRC = tRC (min.)
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
3
Self refresh current
IDD6
3
mA
VIL ≤ 0.3V, VIH ≥ 0.8V
× VDD
Notes: 1. IDD depends on output load condition when the device is selected. IDD (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.


Similar Part No. - EDS1232ECBH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A-E ELPIDA-EDS1232ECBH-9A-E Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1232ECBH-9ATT-E ELPIDA-EDS1232ECBH-9ATT-E Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
More results

Similar Description - EDS1232ECBH-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com