Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51ED8AJWA Datasheet(PDF) 6 Page - Elpida Memory

Part # EBE51ED8AJWA
Description  512MB Unbuffered DDR2 SDRAM DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51ED8AJWA Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBE51ED8AJWA Datasheet HTML 2Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 3Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 4Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 5Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 6Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 7Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 8Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 9Page - Elpida Memory EBE51ED8AJWA Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
EBE51ED8AJWA
Data Sheet E1056E30 (Ver. 3.0)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value Comments
26
Maximum data access time (tAC) from
clock at CL = X
− 2
-8E, -6E (CL = 3)
0
1
1
0
0
0
0
0
60H
0.6ns*
1
-8G (CL = 4)
0
1
0
1
0
0
0
0
50H
0.5ns*
1
27
Minimum row precharge time (tRP)
-8E
0
0
1
1
0
0
1
0
32H
12.5ns
-8G, -6E
0
0
1
1
1
1
0
0
3CH
15ns
28
Minimum row active to row active delay
(tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns
29
Minimum /RAS to /CAS delay (tRCD)
-8E
0
0
1
1
0
0
1
0
32H
12.5ns
-8G, -6E
0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
1
0
1
2DH
45ns
31
Module rank density
1
0
0
0
0
0
0
0
80H
512M bytes
32
Address and command setup time
before clock (tIS)
-8E, -8G
0
0
0
1
0
1
1
1
17H
0.17ns*
1
-6E
0
0
1
0
0
0
0
0
20H
0.20ns*
1
33
Address and command hold time after
clock (tIH)
-8E, -8G
0
0
1
0
0
1
0
1
25H
0.25ns*
1
-6E
0
0
1
0
0
1
1
1
27H
0.27ns*
1
34
Data input setup time before clock
(tDS)
-8E, -8G
0
0
0
0
0
1
0
1
05H
0.05ns*
1
-6E
0
0
0
1
0
0
0
0
10H
0.10ns*
1
35
Data input hold time after clock (tDH)
-8E, -8G
0
0
0
1
0
0
1
0
12H
0.12ns*
1
-6E
0
0
0
1
0
1
1
1
17H
0.17ns*
1
36
Write recovery time (tWR)
0
0
1
1
1
1
0
0
3CH
15ns*
1
37
Internal write to read command delay
(tWTR)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
38
Internal read to precharge command
delay (tRTP)
0
0
0
1
1
1
1
0
1EH
7.5ns*
1
39
Memory analysis probe characteristics 0
0
0
0
0
0
0
0
00H
TBD
40
Extension of Byte 41 and 42
-8E
0
0
1
1
0
0
0
0
30H
-8G, -6E
0
0
0
0
0
0
0
0
00H
Undefined
41
Active command period (tRC)
-8E
0
0
1
1
1
0
0
1
39H
57.5ns*
1
-8G, -6E
0
0
1
1
1
1
0
0
3CH
60ns*
1
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
0
1
1
0
1
0
0
1
69H
105ns*
1
43
SDRAM tCK cycle max. (tCK max.)
1
0
0
0
0
0
0
0
80H
8ns*
1
44
Dout to DQS skew
-8E, -8G
0
0
0
1
0
1
0
0
14H
0.20ns*
1
-6E
0
0
0
1
1
0
0
0
18H
0.24ns*
1
45
Data hold skew (tQHS)
-8E, -8G
0
0
0
1
1
1
1
0
1EH
0.30ns*
1
-6E
0
0
1
0
0
0
1
0
22H
0.34ns*
1
46
PLL relock time
0
0
0
0
0
0
0
0
00H
Undefined
47 to 61
0
0
0
0
0
0
0
0
00H


Similar Part No. - EBE51ED8AJWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA-4A-E ELPIDA-EBE51ED8ABFA-4A-E Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA-5C-E ELPIDA-EBE51ED8ABFA-5C-E Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-4A-E ELPIDA-EBE51ED8AEFA-4A-E Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51ED8AJWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51UD8AJWA ELPIDA-EBE51UD8AJWA Datasheet
244Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFV ELPIDA-EBE52UC8AAFV Datasheet
205Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
BL6464AA ETC2-BL6464AA Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com