Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21RD4AJFA-5C-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EBE21RD4AJFA-5C-E
Description  2GB Registered DDR2 SDRAM DIMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21RD4AJFA-5C-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBE21RD4AJFA-5C-E Datasheet HTML 3Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 4Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 5Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 6Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 7Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 8Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 9Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 10Page - Elpida Memory EBE21RD4AJFA-5C-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
EBE21RD4AJFA
Data Sheet E1040E30 (Ver. 3.0)
7
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
47 to 61
0
0
0
0
0
0
0
0
00H
62
SPD Revision
0
0
0
1
0
0
1
0
12H
Rev. 1.2
63
Checksum for bytes 0 to 62
-6E
0
0
0
0
1
1
0
0
0CH
-5C
0
1
0
1
0
0
0
0
50H
-4A
1
1
0
0
1
0
1
0
CAH
64 to 65
Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
Continuation
code
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
(ASCII-8bit
code)
73
Module part number
0
1
0
0
0
1
0
1
45H
E
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
1
0
0
0
1
0
1
45H
E
76
Module part number
0
0
1
1
0
0
1
0
32H
2
77
Module part number
0
0
1
1
0
0
0
1
31H
1
78
Module part number
0
1
0
1
0
0
1
0
52H
R
79
Module part number
0
1
0
0
0
1
0
0
44H
D
80
Module part number
0
0
1
1
0
1
0
0
34H
4
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
1
0
1
0
4AH
J
83
Module part number
0
1
0
0
0
1
1
0
46H
F
84
Module part number
0
1
0
0
0
0
0
1
41H
A
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-6E
0
0
1
1
0
1
1
0
36H
6
-5C
0
0
1
1
0
1
0
1
35H
5
-4A
0
0
1
1
0
1
0
0
34H
4
87
Module part number
-6E
0
1
0
0
0
1
0
1
45H
E
-5C
0
1
0
0
0
0
1
1
43H
C
-4A
0
1
0
0
0
0
0
1
41H
A
88
Module part number
0
0
1
0
1
1
0
1
2DH
89
Module part number
0
1
0
0
0
1
0
1
45H
E
90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(BCD)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(BCD)
95 to 98
Module serial number
99 to 127
Manufacture specific data
Note: 1. These specifications are defined based on component specification, not module.


Similar Part No. - EBE21RD4AJFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4ABHA ELPIDA-EBE21RD4ABHA Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4ABHA-4A-E ELPIDA-EBE21RD4ABHA-4A-E Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4ABHA-5C-E ELPIDA-EBE21RD4ABHA-5C-E Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4AEFA ELPIDA-EBE21RD4AEFA Datasheet
193Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4AEFA-4A-E ELPIDA-EBE21RD4AEFA-4A-E Datasheet
193Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
More results

Similar Description - EBE21RD4AJFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACFA ELPIDA-EBE21AE8ACFA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72D1BH2MT-25R ETC2-SEP02G72D1BH2MT-25R Datasheet
669Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE20AE4ACWA ELPIDA-EBE20AE4ACWA Datasheet
239Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACWA ELPIDA-EBE21AE8ACWA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com