Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ACSE-5C-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EDE1116ACSE-5C-E
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ACSE-5C-E Datasheet(HTML) 1 Page - Elpida Memory

  EDE1116ACSE-5C-E Datasheet HTML 1Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 2Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 3Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 4Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 5Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 6Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 7Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 8Page - Elpida Memory EDE1116ACSE-5C-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Document No. E0975E50 (Ver.5.0)
Date Published May 2008 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2006-2008
DATA SHEET
1G bits DDR2 SDRAM
EDE1104ACSE (256M words
× 4 bits)
EDE1108ACSE (128M words
× 8 bits)
EDE1116ACSE (64M words
× 16 bits)
Specifications
• Density: 1G bits
• Organization
 32M words × 4 bits × 8 banks (EDE1104ACSE)
 16M words × 8 bits × 8 banks (EDE1108ACSE)
 8M words × 16 bits × 8 banks (EDE1116ACSE)
• Package
 60-ball FBGA (EDE1104/1108ACSE)
 84-ball FBGA (EDE1116ACSE)
 Lead-free (RoHS compliant)
• Power supply: VDD, VDDQ = 1.8V ± 0.1V
• Data rate
 800Mbps/667Mbps/533Mbps (max.)
• 1KB page size (EDE1104/1108ACSE)
 Row address: A0 to A13
 Column address: A0 to A9, A11 (EDE1104ACSE)
A0 to A9 (EDE1108ACSE)
• 2KB page size (EDE1116ACSE)
 Row address: A0 to A12
 Column address: A0 to A9
• Eight internal banks for concurrent operation
• Interface: SSTL_18
• Burst lengths (BL): 4, 8
• Burst type (BT):
 Sequential (4, 8)
 Interleave (4, 8)
• /CAS Latency (CL): 3, 4, 5, 6
• Precharge: auto precharge option for each burst
access
• Driver strength: normal/weak
• Refresh: auto-refresh, self-refresh
Refresh cycles: 8192 cycles/64ms
 Average refresh period
7.8
µs at 0°C ≤ TC ≤ +85°C
3.9
µs at +85°C < TC ≤ +95°C
• Operating case temperature range
 TC = 0°C to +95°C
Features
• Double-data-rate architecture; two data transfers per
clock cycle
• The high-speed data transfer is realized by the 4 bits
prefetch pipelined architecture
• Bi-directional differential data strobe (DQS and /DQS)
is transmitted/received with data for capturing data at
the receiver
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Posted /CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• Programmable RDQS, /RDQS output for making × 8
organization compatible to
× 4 organization
• /DQS, (/RDQS) can be disabled for single-ended
Data Strobe operation


Similar Part No. - EDE1116ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACSE-6ELI-E ELPIDA-EDE1116ACSE-6ELI-E Datasheet
756Kb / 75P
   1G bits DDR2 SDRAM WTR (Wide Temperature Range)
EDE1116ACSE-LI ELPIDA-EDE1116ACSE-LI Datasheet
756Kb / 75P
   1G bits DDR2 SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDE1116ACSE-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com