Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51AD8AJFA Datasheet(PDF) 4 Page - Elpida Memory

Part # EBE51AD8AJFA
Description  512MB Registered DDR2 SDRAM DIMM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51AD8AJFA Datasheet(HTML) 4 Page - Elpida Memory

  EBE51AD8AJFA Datasheet HTML 1Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 2Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 3Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 4Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 5Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 6Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 7Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 8Page - Elpida Memory EBE51AD8AJFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
EBE51AD8AJFA
Data Sheet E1037E30 (Ver. 3.0)
4
Pin Description
Pin name
Function
A0 to A13
Address input
Row address
A0 to A13
Column address
A0 to A9
A10 (AP)
Auto precharge
BA0, BA1
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0
Chip select
CKE0
Clock enable
CK0
Clock input
/CK0
Differential clock input
DQS0 to DQS17, /DQS0 to /DQS17
Input and output data strobe
DM0 to DM8
Input mask
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0 to SA2
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREF
Input reference voltage
VSS
Ground
ODT0
ODT control
/RESET
Reset pin (forces register and PLL inputs low) *
1
NC
No connection
Par
_In*2
Parity bit for the address and control bus
/Err
_Out*2
Parity error found on the address and control bus
NU
Not usable
Notes: 1. Reset pin is connected to both OE of PLL and reset to register.
2. /Err
_Out (Pin No. 55) and Par_In (Pin No. 68) are for optional function to check address and command
parity.


Similar Part No. - EBE51AD8AJFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA-4A-E ELPIDA-EBE51AD8AGFA-4A-E Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA-5C-E ELPIDA-EBE51AD8AGFA-5C-E Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA-6E-E ELPIDA-EBE51AD8AGFA-6E-E Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE51AD8AJFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
   512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com