Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE11FD8AHFL-6E-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EBE11FD8AHFL-6E-E
Description  1GB Fully Buffered DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE11FD8AHFL-6E-E Datasheet(HTML) 2 Page - Elpida Memory

  EBE11FD8AHFL-6E-E Datasheet HTML 1Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 2Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 3Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 4Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 5Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 6Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 7Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 8Page - Elpida Memory EBE11FD8AHFL-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
EBE11FD8AHFT, EBE11FD8AHFE, EBE11FD8AHFL
Preliminary Data Sheet E1000E30 (Ver. 3.0)
2
Ordering Information
Part number
DIMM speed
grade
Component JEDEC
speed bin (CL-tRCD-tRP)
Mounted devices*
1
Mounted AMB*
2
EBE11FD8AHFT-6E-E
PC2-5300F
DDR2-667 (5-5-5)
EDE5108AHSE-6E-E
IDT Rev. C1
EBE11FD8AHFT-5C-E
PC2-4200F
DDR2-533 (4-4-4)
EDE5108AHSE-6E-E
EDE5108AHSE-5C-E
EBE11FD8AHFE-6E-E
PC2-5300F
DDR2-667 (5-5-5)
EDE5108AHSE-6E-E
NECEL Rev. B5+
EBE11FD8AHFE-5C-E
PC2-4200F
DDR2-533 (4-4-4)
EDE5108AHSE-6E-E
EDE5108AHSE-5C-E
EBE11FD8AHFL-6E-E
PC2-5300F
DDR2-667 (5-5-5)
EDE5108AHSE-6E-E
INTEL Rev. D1
EBE11FD8AHFL-5C-E
PC2-4200F
DDR2-533 (4-4-4)
EDE5108AHSE-6E-E
EDE5108AHSE-5C-E
Notes: 1. Please refer to the EDE5108AHSE, EDE5116AHSE datasheet (E0908E) for detailed operation part and
timing waveforms.
2. Please refer to the following documents for detailed operation part and timing waveforms.
Advanced Memory Buffer (AMB) specification
FB-DIMM Architecture and Protocol specification
Part Number
Elpida Memory
Density / Rank
11: 1GB/2-rank
Module Type
F: Fully Buffered
Mono Density
D: 512Mbit
Die Rev. (Mono)
DRAM Speed Grade
6E: DDR2-667 (5-5-5)
5C: DDR2-533 (4-4-4)
Product Family
E: DDR2
Type
B: Module
Power Supply, Interface
A: 1.8V, SSTL_1.8
Module Outline
F: 240-pin DIMM
AMB Device Information
T: IDT, Rev.C1
E: NECEL, Rev.B5+
L: Intel, Rev.D1
Mono Organization
8: x8
E B E 11 F D 8 A H F T - 6E - E
Environment code
E: Lead Free
(RoHS compliant)


Similar Part No. - EBE11FD8AHFL-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11FD8AGFD ELPIDA-EBE11FD8AGFD Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFD-5C-E ELPIDA-EBE11FD8AGFD-5C-E Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFD-6E-E ELPIDA-EBE11FD8AGFD-6E-E Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFN ELPIDA-EBE11FD8AGFN Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AGFN-5C-E ELPIDA-EBE11FD8AGFN-5C-E Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
More results

Similar Description - EBE11FD8AHFL-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE11FD8AGFD ELPIDA-EBE11FD8AGFD Datasheet
199Kb / 22P
   1GB Fully Buffered DIMM
EBE11FD8AJFT ELPIDA-EBE11FD8AJFT Datasheet
226Kb / 22P
   1GB Fully Buffered DIMM
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com