Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1108ACSE Datasheet(PDF) 5 Page - Elpida Memory

Part # EDE1108ACSE
Description  1G bits DDR2 SDRAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1108ACSE Datasheet(HTML) 5 Page - Elpida Memory

  EDE1108ACSE Datasheet HTML 1Page - Elpida Memory EDE1108ACSE Datasheet HTML 2Page - Elpida Memory EDE1108ACSE Datasheet HTML 3Page - Elpida Memory EDE1108ACSE Datasheet HTML 4Page - Elpida Memory EDE1108ACSE Datasheet HTML 5Page - Elpida Memory EDE1108ACSE Datasheet HTML 6Page - Elpida Memory EDE1108ACSE Datasheet HTML 7Page - Elpida Memory EDE1108ACSE Datasheet HTML 8Page - Elpida Memory EDE1108ACSE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
EDE1104ACSE, EDE1108ACSE, EDE1116ACSE
Data Sheet E0975E50 (Ver.5.0)
5
Electrical Specifications
• All voltages are referenced to VSS (GND)
• Execute power-up and Initialization sequence before proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Notes
Power supply voltage
VDD
−1.0 to +2.3
V
1
Power supply voltage for output
VDDQ
−0.5 to +2.3
V
1
Input voltage
VIN
−0.5 to +2.3
V
1
Output voltage
VOUT
−0.5 to +2.3
V
1
Storage temperature
Tstg
−55 to +100
°C
1, 2
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Notes: 1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to
the device.
This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage temperature is the case surface temperature on the center/top side of the DRAM.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification.
Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Notes
Operating case temperature
TC
0 to +95
°C
1, 2
Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM.
2. Supporting 0°C to +85°C with full AC and DC specifications.
Supporting 0°C to +85°C and being able to extend to +95°C with doubling auto-refresh commands in
frequency to a 32ms period (tREFI = 3.9µs) and higher temperature Self-Refresh entry via A7 "1" on
EMRS (2).


Similar Part No. - EDE1108ACSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1108ACBG ELPIDA-EDE1108ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1108ACBG-5C-E ELPIDA-EDE1108ACBG-5C-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1108ACBG-6E-E ELPIDA-EDE1108ACBG-6E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1108ACBG-8E-E ELPIDA-EDE1108ACBG-8E-E Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1108ACSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com