Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51UD8AGWA Datasheet(PDF) 2 Page - Elpida Memory

Part # EBE51UD8AGWA
Description  512MB Unbuffered DDR2 SDRAM DIMM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51UD8AGWA Datasheet(HTML) 2 Page - Elpida Memory

  EBE51UD8AGWA Datasheet HTML 1Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 2Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 3Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 4Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 5Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 6Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 7Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 8Page - Elpida Memory EBE51UD8AGWA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
EBE51UD8AGWA
Preliminary Data Sheet E0921E10 (Ver. 1.0)
2
Ordering Information
Part number
Data rate
Mbps (max.)
Component
JEDEC speed bin
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
EBE51UD8AGWA-6E-E
667
DDR2-667 (5-5-5)
EDE5108AGBG-6E-E
EBE51UD8AGWA-5C-E
533
DDR2-533 (4-4-4)
240-pin DIMM
(lead-free)
Gold
EDE5108AGBG-6E-E
EDE5108AGBG-5C-E
Pin Configurations
1 pin
Front side
Back side
64 pin 65 pin
120 pin
121 pin
184 pin 185 pin
240 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
61
A4
121
VSS
181
VDD
2
VSS
62
VDD
122
DQ4
182
A3
3
DQ0
63
A2
123
DQ5
183
A1
4
DQ1
64
VDD
124
VSS
184
VDD
5
VSS
65
VSS
125
DM0
185
CK0
6
/DQS0
66
VSS
126
NC
186
/CK0
7
DQS0
67
VDD
127
VSS
187
VDD
8
VSS
68
NC
128
DQ6
188
A0
9
DQ2
69
VDD
129
DQ7
189
VDD
10
DQ3
70
A10
130
VSS
190
BA1
11
VSS
71
BA0
131
DQ12
191
VDD
12
DQ8
72
VDD
132
DQ13
192
/RAS
13
DQ9
73
/WE
133
VSS
193
/CS0
14
VSS
74
/CAS
134
DM1
194
VDD
15
/DQS1
75
VDD
135
NC
195
ODT0
16
DQS1
76
NC
136
VSS
196
A13
17
VSS
77
NC
137
CK1
197
VDD
18
NC
78
VDD
138
/CK1
198
VSS
19
NC
79
VSS
139
VSS
199
DQ36
20
VSS
80
DQ32
140
DQ14
200
DQ37
21
DQ10
81
DQ33
141
DQ15
201
VSS
22
DQ11
82
VSS
142
VSS
202
DM4
23
VSS
83
/DQS4
143
DQ20
203
NC
24
DQ16
84
DQS4
144
DQ21
204
VSS
25
DQ17
85
VSS
145
VSS
205
DQ38
26
VSS
86
DQ34
146
DM2
206
DQ39
27
/DQS2
87
DQ35
147
NC
207
VSS
28
DQS2
88
VSS
148
VSS
208
DQ44


Similar Part No. - EBE51UD8AGWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA-4A-E ELPIDA-EBE51UD8AGFA-4A-E Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA-5C-E ELPIDA-EBE51UD8AGFA-5C-E Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA-6E-E ELPIDA-EBE51UD8AGFA-6E-E Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results

Similar Description - EBE51UD8AGWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51UD8AJWA ELPIDA-EBE51UD8AJWA Datasheet
244Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFV ELPIDA-EBE52UC8AAFV Datasheet
205Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
BL6464AA ETC2-BL6464AA Datasheet
45Kb / 1P
   512MB / 1GB / 2GB (x64) UNBUFFERED DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com