Part Name
         Description
EBE11ED8AGWA-5C-E

 1GB Unbuffered DDR2 SDRAM DIMM ( 25 Page)


ELPIDA
100% 
Zoom Out Zoom In
 15 page
background image
EBE11ED8AGWA
Preliminary Data Sheet E0920E10 (Ver. 1.0)
15
Pin Capacitance (TA = 25°C, VDD = 1.8V ± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
Symbol
Pins
min.
max.
Unit
Notes
Input capacitance
CI1
Address, /RAS, /CAS,
/WE, /CS, CKE, ODT
1.0
2.0
pF
1
Input capacitance
CI2
CK, /CK
1.0
2.0
pF
1
Data and DQS input/output
capacitance
-6E
CO
DQ, DQS, /DQS, DM, CB
2.5
3.5
pF
2
-5C
2.5
4.0
pF
2
Notes: 1. Matching within 0.25pF.
2. Matching within 0.50pF.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl