Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4759A Datasheet(PDF) 1 Page - Weitron Technology

Part # 1N4759A
Description  Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1N4759A Datasheet(HTML) 1 Page - Weitron Technology

  1N4759A Datasheet HTML 1Page - Weitron Technology 1N4759A Datasheet HTML 2Page - Weitron Technology 1N4759A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DO-41 Outline Dimensions
* High reliability
* Very sharp reverse characteristic
* Low reverse current level
* VZ-tolerance ±5%
* Voltage stabilization
* Case : DO-41 Glass Case
* Weight : Approx 0.33 gram
Mechanical Data:
Features:
WEITRON
http//www.weitron.com.tw
1N4728A Thru 1N4761A
SMALL SIGNAL
ZENER DIODES
1.0 WATTS
DO-41
Unit:mm
D
C
A
B
A
DIM
DO-41
A
Min
26.0
Max
-
B
Min
Max
-
4.50
C
Min
Max
-
0.85
D
Min
Max
-
2.7
Lead(Pb)-Free
P b
1/3
17-Jan-07
Axial Lead Zener Diodes


Similar Part No. - 1N4759A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4759A VISHAY-1N4759A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Suntan Capacitors
1N4759A SUNTAN-1N4759A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
logo
RFE international
1N4759A RFE-1N4759A Datasheet
63Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
logo
List of Unclassifed Man...
1N4759A ETC-1N4759A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Anova Technologies CO.,...
1N4759A ANOVA-1N4759A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
More results

Similar Description - 1N4759A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZX84B2V0 WEITRON-BZX84B2V0 Datasheet
832Kb / 4P
   SMALL SIGNAL ZENER DIODES 225m WATTS
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com