Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21UE8ABFA-5C-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE21UE8ABFA-5C-E
Description  2GB Unbuffered DDR2 SDRAM DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21UE8ABFA-5C-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE21UE8ABFA-5C-E Datasheet HTML 7Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 8Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 9Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 10Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 11Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 12Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 13Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 14Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
EBE21UE8ABFA
Preliminary Data Sheet E0906E10 (Ver. 1.0)
11
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Notes
Voltage on any pin relative to VSS
VT
–0.5 to +2.3
V
1
Supply voltage relative to VSS
VDD
–0.5 to +2.3
V
Short circuit output current
IOS
50
mA
1
Power dissipation
PD
8
W
Operating case temperature
TC
0 to +95
°C
1, 2
Storage temperature
Tstg
–55 to +100
°C
1
Notes: 1. DDR2 SDRAM component specification.
2. Supporting 0
°C to +85°C and being able to extend to +95°C with doubling auto-refresh commands in
frequency to a 32ms period (tREFI = 3.9
µs) and higher temperature self-refresh entry via the control of
EMRS (2) bit A7 is required.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TC = 0°C to +85°C) (DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.7
1.8
1.9
V
4
VSS
0
0
0
V
VDDSPD
1.7
3.6
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
1, 2
Termination voltage
VTT
VREF
− 0.04
VREF
VREF + 0.04
V
3
DC input logic high
VIH (DC)
VREF + 0.125
VDDQ + 0.3
V
DC input low
VIL (DC)
−0.3
VREF – 0.125
V
AC input logic high
-8E, -6E
VIH (AC)
VREF + 0.200
V
-5C, -4A
VIH (AC)
VREF + 0.250
V
AC input low
-8E, -6E
VIL (AC)
VREF
− 0.200
V
-5C, -4A
VIL (AC)
VREF
− 0.250
V
Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically
the value of VREF is expected to be about 0.5
× VDDQ of the transmitting device and VREF are expected
to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed
±2% VREF (DC).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ must be equal to VDD.


Similar Part No. - EBE21UE8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8ABDA ELPIDA-EBE21UE8ABDA Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA-5C-E ELPIDA-EBE21UE8ABDA-5C-E Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA-6E-E ELPIDA-EBE21UE8ABDA-6E-E Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
More results

Similar Description - EBE21UE8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AFFA ELPIDA-EBE21UE8AFFA Datasheet
242Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWA ELPIDA-EBE21UE8ACWA Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21EE8ABFA ELPIDA-EBE21EE8ABFA Datasheet
229Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEWA ELPIDA-EBE21UE8AEWA Datasheet
253Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWB ELPIDA-EBE21UE8ACWB Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU02G64B4BF2SA-25R ETC2-SEU02G64B4BF2SA-25R Datasheet
988Kb / 16P
   2GB DDR2 . SDRAM unbuffered DIMM
logo
Elpida Memory
EBE21EE8ACFA ELPIDA-EBE21EE8ACFA Datasheet
254Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFB ELPIDA-EBE21UE8AEFB Datasheet
253Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com