Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21UE8ABFA-5C-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EBE21UE8ABFA-5C-E
Description  2GB Unbuffered DDR2 SDRAM DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21UE8ABFA-5C-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE21UE8ABFA-5C-E Datasheet HTML 4Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 5Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 6Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 7Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 8Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 9Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 10Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 11Page - Elpida Memory EBE21UE8ABFA-5C-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
EBE21UE8ABFA
Preliminary Data Sheet E0906E10 (Ver. 1.0)
8
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value Comments
87
Module part number
-8E, -6E
0
1
0
0
0
1
0
1
45H
E
-5C
0
1
0
0
0
0
1
1
43H
C
-4A
0
1
0
0
0
0
0
1
41H
A
88
Module part number
0
0
1
0
1
1
0
1
2DH
89
Module part number
0
1
0
0
0
1
0
1
45H
E
90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code (BCD)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(BCD)
95 to 98
Module serial number
99 to 127
Manufacture specific data
Note: These specifications are defined based on component specification, not module.


Similar Part No. - EBE21UE8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8ABDA ELPIDA-EBE21UE8ABDA Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA-5C-E ELPIDA-EBE21UE8ABDA-5C-E Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA-6E-E ELPIDA-EBE21UE8ABDA-6E-E Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
More results

Similar Description - EBE21UE8ABFA-5C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AFFA ELPIDA-EBE21UE8AFFA Datasheet
242Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWA ELPIDA-EBE21UE8ACWA Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21EE8ABFA ELPIDA-EBE21EE8ABFA Datasheet
229Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEWA ELPIDA-EBE21UE8AEWA Datasheet
253Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWB ELPIDA-EBE21UE8ACWB Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU02G64B4BF2SA-25R ETC2-SEU02G64B4BF2SA-25R Datasheet
988Kb / 16P
   2GB DDR2 . SDRAM unbuffered DIMM
logo
Elpida Memory
EBE21EE8ACFA ELPIDA-EBE21EE8ACFA Datasheet
254Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFB ELPIDA-EBE21UE8AEFB Datasheet
253Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com