Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ20RE4BAFA-AE-E Datasheet(PDF) 3 Page - Elpida Memory

Part # EBJ20RE4BAFA-AE-E
Description  2GB Registered DDR3 SDRAM DIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ20RE4BAFA-AE-E Datasheet(HTML) 3 Page - Elpida Memory

  EBJ20RE4BAFA-AE-E Datasheet HTML 1Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 2Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 3Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 4Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 5Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 6Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 7Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 8Page - Elpida Memory EBJ20RE4BAFA-AE-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
EBJ20RE4BAFA
Data Sheet E1253E40 (Ver. 4.0)
3
Pin Configurations
1 pin
Front side
Back side
48 pin 49 pin
120 pin
121 pin
168 pin 169 pin
240 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREFDQ
61
A2
121
VSS
181
A1
2
VSS
62
VDD
122
DQ4
182
VDD
3
DQ0
63
CK1
123
DQ5
183
VDD
4
DQ1
64
/CK1
124
VSS
184
CK0
5
VSS
65
VDD
125
DQS9
185
/CK0
6
/DQS0
66
VDD
126
/DQS9
186
VDD
7
DQS0
67
VREFCA
127
VSS
187
/EVENT
8
VSS
68
Par_In
128
DQ6
188
A0
9
DQ2
69
VDD
129
DQ7
189
VDD
10
DQ3
70
A10(AP)
130
VSS
190
BA1
11
VSS
71
BA0
131
DQ12
191
VDD
12
DQ8
72
VDD
132
DQ13
192
/RAS
13
DQ9
73
/WE
133
VSS
193
/CS0
14
VSS
74
/CAS
134
DQS10
194
VDD
15
/DQS1
75
VDD
135
/DQS10
195
ODT0
16
DQS1
76
/CS1
136
VSS
196
A13
17
VSS
77
NC
137
DQ14
197
VDD
18
DQ10
78
VDD
138
DQ15
198
NC
19
DQ11
79
NC
139
VSS
199
VSS
20
VSS
80
VSS
140
DQ20
200
DQ36
21
DQ16
81
DQ32
141
DQ21
201
DQ37
22
DQ17
82
DQ33
142
VSS
202
VSS
23
VSS
83
VSS
143
DQS11
203
DQS13
24
/DQS2
84
/DQS4
144
/DQS11
204
/DQS13
25
DQS2
85
DQS4
145
VSS
205
VSS
26
VSS
86
VSS
146
DQ22
206
DQ38
27
DQ18
87
DQ34
147
DQ23
207
DQ39
28
DQ19
88
DQ35
148
VSS
208
VSS
29
VSS
89
VSS
149
DQ28
209
DQ44
30
DQ24
90
DQ40
150
DQ29
210
DQ45
31
DQ25
91
DQ41
151
VSS
211
VSS
32
VSS
92
VSS
152
DQS12
212
DQS14
33
/DQS3
93
/DQS5
153
/DQS12
213
/DQS14
34
DQS3
94
DQS5
154
VSS
214
VSS
35
VSS
95
VSS
155
DQ30
215
DQ46
36
DQ26
96
DQ42
156
DQ31
216
DQ47


Similar Part No. - EBJ20RE4BAFA-AE-E

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBJ20A ADAM-TECH-EBJ20A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBJ20B ADAM-TECH-EBJ20B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20EF8BCFA-DJ-F ELPIDA-EBJ20EF8BCFA-DJ-F Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20EF8BCFA-GN-F ELPIDA-EBJ20EF8BCFA-GN-F Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ20RE4BAFA-AE-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBS21RC2ACNA ELPIDA-EBS21RC2ACNA Datasheet
149Kb / 15P
   2GB Registered SDRAM DIMM
logo
Hynix Semiconductor
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBJ21EE8BAWA ELPIDA-EBJ21EE8BAWA Datasheet
207Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com