Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1108AEBG-6E-F Datasheet(PDF) 7 Page - Elpida Memory

Part # EDE1108AEBG-6E-F
Description  1G bits DDR2 SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1108AEBG-6E-F Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDE1108AEBG-6E-F Datasheet HTML 3Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 4Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 5Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 6Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 7Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 8Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 9Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 10Page - Elpida Memory EDE1108AEBG-6E-F Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
EDE1108AEBG, EDE1116AEBG
Preliminary Data Sheet E1228E20 (Ver. 2.0)
7
AC Overshoot/Undershoot Specification
Parameter
Pins
Specification
Unit
Maximum peak amplitude allowed for overshoot
Command, Address,
CKE, ODT
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum undershoot area below VSS
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum peak amplitude allowed for overshoot
CK, /CK
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
DDR2-800, 667
0.23
V-ns
Maximum undershoot area below VSS
DDR2-800, 667
0.23
V-ns
Maximum peak amplitude allowed for overshoot
DQ, DQS, /DQS,
0.5
V
Maximum peak amplitude allowed for undershoot
UDQS, /UDQS,
LDQS, /LDQS,
0.5
V
Maximum overshoot area above VDDQ
DDR2-800, 667
RDQS, /RDQS,
DM, UDM, LDM
0.23
V-ns
Maximum undershoot area below VSSQ
DDR2-800, 667
0.23
V-ns
Maximum amplitude
Overshoot area
Undershoot area
Volts (V)
Time (ns)
VDD, VDDQ
VSS, VSSQ
Overshoot/Undershoot Definition


Similar Part No. - EDE1108AEBG-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AESE-6E-E ELPIDA-EDE1108AESE-6E-E Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AESE-6E-F ELPIDA-EDE1108AESE-6E-F Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AESE-8E-E ELPIDA-EDE1108AESE-8E-E Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AESE-8E-F ELPIDA-EDE1108AESE-8E-F Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1108AEBG-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1104AFSE ELPIDA-EDE1104AFSE Datasheet
658Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com