Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21UE8ACUA-8G-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE21UE8ACUA-8G-E
Description  2GB DDR2 SDRAM SO-DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21UE8ACUA-8G-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE21UE8ACUA-8G-E Datasheet HTML 7Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 8Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 9Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 10Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 11Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 12Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 13Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 14Page - Elpida Memory EBE21UE8ACUA-8G-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
EBE21UE8ACUA
Data Sheet E1217E10 (Ver. 1.0)
11
DC Characteristics 1 (TC = 0°C to +85°C, VDD = 1.8V ± 0.1V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Operating current
(ACT-PRE)
(Another rank is in IDD2P)
IDD0
-8E, -8G
-6E
760
720
mA
Operating current
(ACT-PRE)
(Another rank is in IDD3N)
IDD0
-8E, -8G
-6E
1400
1280
mA
one bank; tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(ACT-READ-PRE)
(Another rank is in IDD2P)
IDD1
-8E, -8G
-6E
880
840
mA
Operating current
(ACT-READ-PRE)
(Another rank is in IDD3N)
IDD1
-8E, -8G
-6E
1520
1400
mA
one bank; IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRC = tRC (IDD),
tRAS = tRAS min.(IDD); tRCD = tRCD (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Precharge power-down
standby current
IDD2P
160
mA
all banks idle;
tCK = tCK (IDD);
CKE is L;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Precharge quiet standby
current
IDD2Q
-8E, -8G
-6E
560
480
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are STABLE;
Data bus inputs are FLOATING
Idle standby current
IDD2N
-8E, -8G
-6E
640
560
mA
all banks idle;
tCK = tCK (IDD);
CKE is H, /CS is H;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
IDD3P-F
560
mA
Fast PDN Exit
MRS(12) = 0
Active power-down
standby current
IDD3P-S
320
mA
all banks open;
tCK = tCK (IDD);
CKE is L;
Other control and address bus
inputs are STABLE;
Data bus inputs are FLOATING
Slow PDN Exit
MRS(12) = 1
Active standby current
IDD3N
-8E, -8G
-6E
1440
1280
mA
all banks open;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Operating current
(Burst read operating)
(Another rank is in IDD2P)
IDD4R
-8E, -8G
-6E
1360
1200
mA
Operating current
(Burst read operating)
(Another rank is in IDD3N)
IDD4R
-8E, -8G
-6E
2000
1760
mA
all banks open, continuous burst reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data pattern is same as IDD4W
Operating current
(Burst write operating)
(Another rank is in IDD2P)
IDD4W
-8E, -8G
-6E
1360
1200
mA
Operating current
(Burst write operating)
(Another rank is in IDD3N)
IDD4W
-8E, -8G
-6E
2000
1760
mA
all banks open, continuous burst writes;
BL = 4, CL = CL(IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS max.(IDD), tRP = tRP (IDD);
CKE is H, /CS is H between valid commands;
Address bus inputs are SWITCHING;
Data bus inputs are SWITCHING


Similar Part No. - EBE21UE8ACUA-8G-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACFA-6E-E ELPIDA-EBE21UE8ACFA-6E-E Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACFA-8E-E ELPIDA-EBE21UE8ACFA-8E-E Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACFA-8G-E ELPIDA-EBE21UE8ACFA-8G-E Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACSA ELPIDA-EBE21UE8ACSA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
More results

Similar Description - EBE21UE8ACUA-8G-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN02G64C4BH2MT-25[EW]R ETC2-SEN02G64C4BH2MT-25[EW]R Datasheet
437Kb / 14P
   2GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE21UE8AADA ELPIDA-EBE21UE8AADA Datasheet
215Kb / 21P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ACSA ELPIDA-EBE21UE8ACSA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA ELPIDA-EBE21UE8ABDA Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN02G64C4BF2SA-25[EW]R ETC2-SEN02G64C4BF2SA-25[EW]R Datasheet
400Kb / 14P
   2GB DDR2 ??SDRAM SO-DIMM
logo
Elpida Memory
EBE21UE8AESA ELPIDA-EBE21UE8AESA Datasheet
267Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BH2MT-25R ETC2-SEU02G64B3BH2MT-25R Datasheet
711Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com