Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD2532DGBH-7FTT-F Datasheet(PDF) 6 Page - Elpida Memory

Part # EDD2532DGBH-7FTT-F
Description  256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2532DGBH-7FTT-F Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD2532DGBH-7FTT-F Datasheet HTML 2Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 3Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 4Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 5Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 6Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 7Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 8Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 9Page - Elpida Memory EDD2532DGBH-7FTT-F Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
EDD2532DGBH-TT
Preliminary Data Sheet E1201E20 (Ver. 2.0)
6
DC Characteristics 1 (TA = –20
°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
IDD1
-6C
-7F
65
65
mA
Burst length = 2
tRC
≥ tRC (min.), IO = 0mA,
One bank active
1
Standby current in power-down
IDD2P
-6C
-7F
0.8
0.8
mA
CKE
≤ VIL (max.),
tCK = tCK (min.)
Standby current in power-down
(input signal stable)
IDD2PS
0.6
mA
CKE
≤ VIL (max.), tCK = ∞
Standby current in non power-down
IDD2N
-6C
-7F
10
10
mA
CKE
≥ VIH (min.),
tCK = tCK (min.),
/CS
≥ VIH (min.),
Input signals are changed one time
during 2tCK.
Standby current in non power-down
(input signal stable)
IDD2NS
4.0
mA
CKE
≥ VIH (min.), tCK = ∞,
Input signals are stable.
Active standby current in power-down IDD3P
-6C
-7F
4.0
4.0
mA
CKE
≤ VIL (max.),
tCK = tCK (min.)
Active standby current in power-down
(input signal stable)
IDD3PS
3.0
mA
CKE
≤ VIL (max.), tCK = ∞
Active standby current in non power-
down
IDD3N
-6C
-7F
15
15
mA
CKE
≥ VIH (min.),
tCK = tCK (min.),
/CS
≥ VIH (min.),
Input signals are changed one time
during 2 tCK.
Active standby current in non power-
down
(input signal stable)
IDD3NS
10
mA
CKE
≥ VIH (min.), tCK = ∞,
Input signals are stable.
Burst operating current
IDD4
-6C
-7F
135
110
mA
Burst length = 4
tCK
≥ tCK (min.),
IOUT = 0mA, All banks active
2
Refresh current
IDD5
-6C
-7F
110
100
mA
tRFC
≥ tRFC (min.)
3
Self-refresh current
IDD6
3.0
mA
CKE
≤ 0.2V
Notes: 1. IDD1 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD1 is measured on condition that addresses are changed only one time during
tCK (min.).
2. IDD4 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD4 is measured on condition that addresses are changed only one time during
tCK (min.).
3. IDD5 is measured on condition that addresses are changed only one time during tCK (min.).


Similar Part No. - EDD2532DGBH-7FTT-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AJTA-6B ELPIDA-EDD2504AJTA-6B Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AJTA-7A ELPIDA-EDD2504AJTA-7A Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AJTA-7B ELPIDA-EDD2504AJTA-7B Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2504AKTA ELPIDA-EDD2504AKTA Datasheet
441Kb / 49P
   256M bits DDR SDRAM (64M words x 4 bits)
More results

Similar Description - EDD2532DGBH-7FTT-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD25163HBH-LS ELPIDA-EDD25163HBH-LS Datasheet
788Kb / 60P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com