Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD1232ACBH-5B-F Datasheet(PDF) 2 Page - Elpida Memory

Part # EDD1232ACBH-5B-F
Description  128M bits DDR SDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1232ACBH-5B-F Datasheet(HTML) 2 Page - Elpida Memory

  EDD1232ACBH-5B-F Datasheet HTML 1Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 2Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 3Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 4Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 5Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 6Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 7Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 8Page - Elpida Memory EDD1232ACBH-5B-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
EDD1232ACBH
Data Sheet E1202E20 (Ver.2.0)
2
Ordering Information
Part number
Die
revision
Organization
(words
× bits)
Internal
banks
Data Rate
Mbps (max.)
JEDEC speed bin
(CL-tRCDRD-tRP)
Package
EDD1232ACBH-5B-F
C
4M
× 32
4
400
DDR400B (3-3-3)
144-ball FBGA
Part Number
Elpida Memory
Density / Bank
12: 128M / 4-bank
Organization
32: x32
Power Supply, Interface
A: 2.5V, SSTL_2
Die Rev.
Package
BH: FBGA
Speed
5B: DDR400B (3-3-3)
Product Family
D: DDR SDRAM
Type
D: Monolithic Device
E D D 12 32 A C BH - 5B - F
Environment Code
F: Lead Free (RoHS compliant)
and Halogen Free


Similar Part No. - EDD1232ACBH-5B-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1232ACBH-6B ELPIDA-EDD1232ACBH-6B Datasheet
667Kb / 52P
   128M bits DDR SDRAM
EDD1232ACBH-6B-F ELPIDA-EDD1232ACBH-6B-F Datasheet
667Kb / 52P
   128M bits DDR SDRAM
More results

Similar Description - EDD1232ACBH-5B-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AJBG ELPIDA-EDD1216AJBG Datasheet
617Kb / 51P
   128M bits DDR SDRAM
EDD1232ACBH-6B ELPIDA-EDD1232ACBH-6B Datasheet
667Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA ELPIDA-EDD1216AJTA Datasheet
621Kb / 52P
   128M bits DDR SDRAM
EDD1232ABBH ELPIDA-EDD1232ABBH Datasheet
530Kb / 51P
   128M bits DDR SDRAM
EDD1216AJTA-4 ELPIDA-EDD1216AJTA-4 Datasheet
487Kb / 50P
   128M bits DDR SDRAM
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com