Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE42AE8ACFA Datasheet(PDF) 8 Page - Elpida Memory

Part # EBE42AE8ACFA
Description  4GB Registered DDR2 SDRAM DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE42AE8ACFA Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE42AE8ACFA Datasheet HTML 4Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 5Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 6Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 7Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 8Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 9Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 10Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 11Page - Elpida Memory EBE42AE8ACFA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
EBE42AE8ACFA
Data Sheet E1206E10 (Ver. 1.0)
8
Block Diagram
DQ0 to DQ7
8
DQS0
RS
/RCS0
/RCS1
/DQS0
RS
DM0/DQS9
RS
NU/ /DQS9
RS
RS
RCKE0
/CS
CKE ODT
D0
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D9
DQ0
to DQ7
DQS
/DQS
DM/RDQS
RODT0
/RCS2
/RCS3
RCKE1
/CS
CKE ODT
D18
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D27
DQ0
to DQ7
DQS
/DQS
DM/RDQS
DQ8 to DQ15
8
DQS1
RS
/DQS1
RS
DM1/DQS10
RS
NU/ /DQS10
RS
RS
/CS
CKE ODT
D1
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D10
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D19
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D28
DQ0
to DQ7
DQS
/DQS
DM/RDQS
DQ16 to DQ23
8
DQS2
RS
/DQS2
RS
DM2/DQS11
RS
NU/ /DQS11
RS
RS
/CS
CKE ODT
D2
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D11
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D20
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D29
DQ0
to DQ7
DQS
/DQS
DM/RDQS
DQ24 to DQ31
8
DQS3
RS
/DQS3
RS
DM3/DQS12
RS
NU/ /DQS12
RS
RS
/CS
CKE ODT
D3
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D12
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D21
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D30
DQ0
to DQ7
DQS
/DQS
DM/RDQS
CB0 to CB7
8
DQS8
RS
/DQS8
RS
DM8/DQS17
RS
NU/ /DQS17
RS
RS
/CS
CKE ODT
D4
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D13
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D22
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D31
DQ0
to DQ7
DQS
/DQS
DM/RDQS
DQ32 to DQ39
8
DQS4
RS
/DQS4
RS
DM4/DQS13
RS
NU/ /DQS13
RS
RS
/CS
CKE ODT
D5
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D14
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D23
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D32
DQ0
to DQ7
DQS
/DQS
DM/RDQS
DQ40 to DQ47
8
DQS5
RS
/DQS5
RS
DM5/DQS14
RS
NU/ /DQS14
RS
RS
/CS
CKE ODT
D6
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D15
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D24
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D33
DQ0
to DQ7
DQS
/DQS
DM/RDQS
DQ48 to DQ55
8
DQS6
RS
/DQS6
RS
DM6/DQS15
RS
NU/ /DQS15
RS
RS
/CS
CKE ODT
D7
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D16
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D25
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D34
DQ0
to DQ7
DQS
/DQS
DM/RDQS
DQ56 to DQ63
8
DQS7
RS
/DQS7
RS
RS
DM7/DQS16
RS
NU/ /DQS16
RS
/CS
CKE ODT
D8
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D17
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D26
DQ0
to DQ7
DQS
/DQS
DM/RDQS
/CS
CKE ODT
D35
DQ0
to DQ7
DQS
/DQS
DM/RDQS
RODT1
RS
RS
RS
RS
RS
RS
RS
/CS0, /CS2*2
/CS1, /CS3*2
BA0 to BA2
A0 to A13
/RAS
/CAS
CKE0
CKE1
/WE
/ODT0
/ODT1
/RCS0 -> /CS: SDRAMs D0 to D8, /RCS2 -> /CS: SDRAMs D18 to D26
/RCS1 -> /CS: SDRAMs D9 to D17, /RCS3 -> /CS: SDRAMs D27 to D35
RBA0 to RBA2 -> BA0 to BA2: SDRAMs D0 to D35
RA0 to RA13 -> A0 to A13: SDRAMs D0 to D35
/RRAS -> /RAS: SDRAMs D0 to D35
/RCAS -> /CAS: SDRAMs D0 to D35
RCKE0 -> CKE: SDRAMs D0 to D17
RCKE1 -> CKE: SDRAMs D18 to D35
/RWE -> /WE: SDRAMs D0 to D35
RODT0 -> ODT: SDRAMs D0 to D8
RODT1 -> ODT: SDRAMs D18 to D26
R
E
G
I
S
T
E
R
/PCK7*3
/RESET*3
RS
/RST
PCK7*3
Notes:
1. DQ wring may be changed within a byte.
2. /CS0 (/CS2) connects to /DCS and /CS1 (/CS3) connects to /CSR on a
registerA .
/CS1 (/CS3) connects to /DCS and /CS0 (/CS2) connects to /CSR on
another pair of register.
3. /RESET, PCK7 and /PCK7 connect to all registers.
Other signals connect to two of four registers.
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8, PCK9 -> CK: SDRAMs D0 to D35
/PCK0 to /PCK6, /PCK8, /PCK9 -> /CK: SDRAMs D0 to D35
PCK7 -> CK: register
/PCK7 -> /CK: register
D0 to D35: 1G bits DDR2 SDRAM
U0: 2k bits EEPROM
RS: 22Ω
PLL: CUA877
Register: SSTUB32866
Serial PD
SDA
A0 A1 A2
SA0 SA1 SA2
SCL
SCL
U0
SDA
WP
Serial PD
D0 to D35
D0 to D35
D0 to D35
VDDSPD
VSS
VREF
VDD
C1
C0 Register
A1
RS
RS
RS
PPO
/QERR
PAR_IN
VSS
VDD
C1
C0 Register
B1
PPO
/QERR
PAR_IN
VDD
VDD
C1
C0 Register
A2
PPO
/QERR
PAR_IN
VSS
VDD
C1
C0 Register
B2
PPO
/QERR
PAR_IN
VDD
VDD
Signals for Address and Command Parity Function
/Err_Out
Par_In
100k
Register A1 and A2 share the a part of
Address and Command input signal set.
Register B1 and B2 share the rest part of
Address and Command input signal set.
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS
NU/ /RDQS


Similar Part No. - EBE42AE8ACFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE42FE8ACFR ELPIDA-EBE42FE8ACFR Datasheet
259Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACFR-6E-E ELPIDA-EBE42FE8ACFR-6E-E Datasheet
259Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR-6E-E ELPIDA-EBE42FE8ACWR-6E-E Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
More results

Similar Description - EBE42AE8ACFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP04G72G1AH2MT-30R ETC2-SEP04G72G1AH2MT-30R Datasheet
1Mb / 16P
   4GB DDR2 . SDRAM registered DIMM
logo
Elpida Memory
EBE41RE4ABHA ELPIDA-EBE41RE4ABHA Datasheet
258Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ABHA ELPIDA-EBE41AE4ABHA Datasheet
240Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACFA ELPIDA-EBE41AE4ACFA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
EBE41AF4A1QA ELPIDA-EBE41AF4A1QA Datasheet
238Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE41EF8ABFA ELPIDA-EBE41EF8ABFA Datasheet
255Kb / 30P
   4GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com