Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDJ1116BASE-AC-E Datasheet(PDF) 9 Page - Elpida Memory

Part # EDJ1116BASE-AC-E
Description  1G bits DDR3 SDRAM
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ1116BASE-AC-E Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDJ1116BASE-AC-E Datasheet HTML 5Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 6Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 7Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 8Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 9Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 10Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 11Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 12Page - Elpida Memory EDJ1116BASE-AC-E Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 148 page
background image
EDJ1104BASE, EDJ1108BASE, EDJ1116BASE
Data Sheet E1128E60 (Ver. 6.0)
9
VREF Tolerances
The dc-tolerance limits and ac-noise limits for the reference voltages VREFCA and VREFDQ are shown in Figure
VREF(DC) Tolerance and VREF AC-Noise Limits. It shows a valid reference voltage VREF(t) as a function of time.
(VREF stands for VREFCA and VREFDQ likewise).
VREF(DC) is the linear average of VREF(t) over a very long period of time (e.g. 1 sec). This average has to meet the
min/max requirements in the table of(Single-Ended AC and DC Input Levels for Command and Address).
Furthermore VREF(t) may temporarily deviate from VREF(DC) by no more than +/- 1% VDD.
VDD
VSS
VDD/2
VREF AC-noise
VREF(DC)max.
VREF(DC)min.
VREF(DC)
VREF(t)
voltage
time
VREF(DC) Tolerance and VREF AC-Noise Limits
The voltage levels for setup and hold time measurements VIH(AC), VIH(DC), VIL(AC) and VIL(DC) are dependent
on VREF.
VREF shall be understood as VREF(DC), as defined in figure above, VREF(DC) Tolerance and VREF AC-Noise
Limits.
This clarifies that DC-variations of VREF affect the absolute voltage a signal has to reach to achieve a valid high or
low level and therefore the time to which setup and hold is measured. System timing and voltage budgets need to
account for VREF(DC) deviations from the optimum position within the data-eye of the input signals.
This also clarifies that the DRAM setup/hold specification and derating values need to include time and voltage
associated with VREF AC-noise. Timing and voltage effects due to ac-noise on VREF up to the specified limit (
±1%
of VDD) are included in DRAM timings and their associated deratings.


Similar Part No. - EDJ1116BASE-AC-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1116BABG ELPIDA-EDJ1116BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BABG-8A-E ELPIDA-EDJ1116BABG-8A-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BABG-8C-E ELPIDA-EDJ1116BABG-8C-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BABG-AC-E ELPIDA-EDJ1116BABG-AC-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDJ1116BABG-AE-E ELPIDA-EDJ1116BABG-AE-E Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
More results

Similar Description - EDJ1116BASE-AC-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1104BDSE ELPIDA-EDJ1104BDSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFBG ELPIDA-EDJ1104BFBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BBSE ELPIDA-EDJ1104BBSE Datasheet
1Mb / 151P
   1G bits DDR3 SDRAM
E1729E30 ELPIDA-E1729E30 Datasheet
448Kb / 33P
   1G bits DDR3 SDRAM
EDJ1108BDBG ELPIDA-EDJ1108BDBG Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1104BFSE ELPIDA-EDJ1104BFSE Datasheet
1Mb / 147P
   1G bits DDR3 SDRAM
EDJ1108BABG ELPIDA-EDJ1108BABG Datasheet
1Mb / 148P
   1G bits DDR3 SDRAM
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com