Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDK1216CFBJ-75-F Datasheet(PDF) 6 Page - Elpida Memory

Part # EDK1216CFBJ-75-F
Description  128M bits DDR Mobile RAM?
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDK1216CFBJ-75-F Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDK1216CFBJ-75-F Datasheet HTML 2Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 3Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 4Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 5Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 6Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 7Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 8Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 9Page - Elpida Memory EDK1216CFBJ-75-F Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
EDK1216CFBJ
Preliminary Data Sheet E1194E20 (Ver. 2.0)
6
Notes: 1. IDD4 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD4 is measured on condition that addresses are changed only one time during
tCK (min.).
2. IDD5 is measured on condition that addresses are changed only one time during tCK (min.).
DC Characteristics 2 (TA =
−25°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–2.0
2.0
µA
0
≤ VIN ≤ VDDQ
Output leakage current
ILO
–1.5
1.5
µA
0
≤ VOUT ≤ VDDQ,
DQ = disable
Output high voltage
VOH
0.9
× VDDQ
V
IOH =
− 0.1mA
Output low voltage
VOL
0.1
× VDDQ
V
IOL = 0.1 mA
Pin Capacitance (TA = +25°C, VDD and VDDQ = 1.7V to 1.95V)
Parameter
Symbol
Pins
min.
typ.
max.
Unit
Notes
Input capacitance
CI1
CK, /CK
1.5
3.5
pF
1
CI2
All other input-only pins
1.5
3.0
pF
1
Delta input capacitance
Cdi1
CK, /CK
0.25
pF
1
Cdi2
All other input-only pins
0.5
pF
1
Input/output capacitance
CI/O
DQ, DM, DQS
2.0
4.5
pF
1, 2
Delta input/output capacitance
Cdio
DQ, DM, DQS
0.5
pF
1
Notes: 1. These parameters are measured on conditions:
f = 100MHz, VOUT = VDDQ/2,
∆VOUT = 0.2V,
TA = +25
°C.
2. DOUT circuits are disabled.
AC Characteristics (TA =
−25°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Notes
Clock cycle time
tCK
7.5
100
ns
CK high-level width
tCH
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
tCK
CK half period
tHP
min. ( tCH, tCL) —
tCK
DQ output access time from CK, /CK
tAC
2.5
6.0
ns
2, 8
DQS-in cycle time
tDSC
0.9
1.1
tCK
DQS output access time from CK, /CK
tDQSCK
2.5
6.0
ns
2, 8
DQ-out high-impedance time from CK, /CK
tHZ
6.0
ns
5, 8
DQ-out low-impedance time from CK, /CK
tLZ
1.0
ns
6, 8
DQS to DQ skew
tDQSQ
0.6
ns
3
DQ/DQS output hold time from DQS
tQH
tHP
− tQHS
ns
4
Data hold skew factor
tQHS
0.75
ns
DQ and DM input setup time
tDS
0.8
ns
3
DQ and DM input hold time
tDH
0.8
ns
3
DQ and DM input pulse width
tDIPW
1.8
ns
Read preamble
tRPRE
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
tCK
Write preamble setup time
tWPRES
0
ns
Write preamble
tWPRE
0.25
tCK
Write postamble
tWPST
0.4
0.6
tCK
7


Similar Part No. - EDK1216CFBJ-75-F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EDK104M050A9BAA KEMET-EDK104M050A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK105M025A9BAA KEMET-EDK105M025A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK105M050A9BAA KEMET-EDK105M050A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK106M016A9BAA KEMET-EDK106M016A9BAA Datasheet
133Kb / 4P
   SMD Surface mount lead terminals ??General Purpose 85째C / 2000 h
EDK106M025A9BAA KEMET-EDK106M025A9BAA Datasheet
30Kb / 1P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EDK1216CFBJ-75-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDL1216CFBJ ELPIDA-EDL1216CFBJ Datasheet
723Kb / 59P
   128M bits Mobile RAM?
EDL1216AASA ELPIDA-EDL1216AASA Datasheet
479Kb / 59P
   128M bits Mobile RAM
EDL1216CASA ELPIDA-EDL1216CASA Datasheet
467Kb / 59P
   128M bits Mobile RAM
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD1216AJBG ELPIDA-EDD1216AJBG Datasheet
617Kb / 51P
   128M bits DDR SDRAM
EDD1232ABBH ELPIDA-EDD1232ABBH Datasheet
530Kb / 51P
   128M bits DDR SDRAM
EDD1232ACBH ELPIDA-EDD1232ACBH Datasheet
655Kb / 51P
   128M bits DDR SDRAM
EDD1232ACBH-6B ELPIDA-EDD1232ACBH-6B Datasheet
667Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA ELPIDA-EDD1216AJTA Datasheet
621Kb / 52P
   128M bits DDR SDRAM
EDD1216AJTA-4 ELPIDA-EDD1216AJTA-4 Datasheet
487Kb / 50P
   128M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com