Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5108AJBG-1J Datasheet(PDF) 11 Page - Elpida Memory

Part # EDE5108AJBG-1J
Description  512M bits DDR2 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5108AJBG-1J Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDE5108AJBG-1J Datasheet HTML 7Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 8Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 9Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 10Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 11Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 12Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 13Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 14Page - Elpida Memory EDE5108AJBG-1J Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
EDE5108AJBG-1J, EDE5116AJBG-1J
Data Sheet E1174E30 (Ver. 3.0)
11
ODT DC Electrical Characteristics (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
min.
typ.
max.
Unit
Note
Rtt effective impedance value for EMRS (A6, A2)
= 0, 1; 75 Ω
Rtt1 (eff)
60
75
90
1
Rtt effective impedance value for EMRS (A6, A2)
= 1, 0; 150 Ω
Rtt2 (eff)
120
150
180
1
Rtt effective impedance value for EMRS (A6, A2)
= 1, 1; 50 Ω
Rtt3 (eff)
40
50
60
1
Deviation of VM with respect to VDDQ/2
∆VM
−6
+6
%
1
Note: 1. Test condition for Rtt measurements.
Measurement Definition for Rtt (eff)
Apply VIH (AC) and VIL (AC) to test pin separately, then measure current I(VIH (AC)) and I(VIL (AC)) respectively.
VIH (AC), and VDDQ values defined in SSTL
_18.
))
(
(
))
(
(
)
(
)
(
)
(
AC
VIL
I
AC
VIH
I
AC
VIL
AC
VIH
eff
Rtt
=
Measurement Definition for
∆VM
Measure voltage (VM) at test pin (midpoint) with no load.
100
1
2
×
×
=
VDDQ
VM
VM
OCD Default Characteristics (TC = 0
°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
min.
typ.
max.
Unit
Notes
Output impedance
12.6
18
23.4
1, 5
Pull-up and pull-down mismatch
0
4
1, 2
Output slew rate
1.5
5
V/ns
3, 4
Notes: 1. Impedance measurement condition for output source DC current: VDDQ = 1.7V; VOUT = 1420mV;
(VOUT
−VDDQ)/IOH must be less than 23.4Ω for values of VOUT between VDDQ and VDDQ−280mV.
Impedance measurement condition for output sink DC current: VDDQ = 1.7V; VOUT = 280mV;
VOUT/IOL must be less than 23.4
Ω for values of VOUT between 0V and 280mV.
2. Mismatch is absolute value between pull up and pull down, both are measured at same temperature and
voltage.
3. Slew rate measured from VIL (AC) to VIH (AC).
4. The absolute value of the slew rate as measured from DC to DC is equal to or greater than the slew rate
as measured from AC to AC. This is guaranteed by design and characterization.
5. DRAM I/O specifications for timing, voltage, and slew rate are no longer applicable if OCD is changed
from default settings.


Similar Part No. - EDE5108AJBG-1J

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-6E-E ELPIDA-EDE5108AJBG-6E-E Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-8E-E ELPIDA-EDE5108AJBG-8E-E Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AJBG-8E-E ELPIDA-EDE5108AJBG-8E-E Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
More results

Similar Description - EDE5108AJBG-1J

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
EDE5104AHSE ELPIDA-EDE5104AHSE Datasheet
562Kb / 69P
   512M bits DDR2 SDRAM
EDE5104ABSE ELPIDA-EDE5104ABSE Datasheet
697Kb / 66P
   512M bits DDR2 SDRAM
EDE5108AHSE ELPIDA-EDE5108AHSE Datasheet
880Kb / 81P
   512M bits DDR2 SDRAM
EDE5104AJBG ELPIDA-EDE5104AJBG Datasheet
814Kb / 77P
   512M bits DDR2 SDRAM
EDE5132BABG ELPIDA-EDE5132BABG Datasheet
756Kb / 74P
   512M bits DDR2 SDRAM
EDE5132AABG ELPIDA-EDE5132AABG Datasheet
735Kb / 74P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com