Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232AHTA Datasheet(PDF) 1 Page - Elpida Memory

Part # EDS1232AHTA
Description  128M bits SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232AHTA Datasheet(HTML) 1 Page - Elpida Memory

  EDS1232AHTA Datasheet HTML 1Page - Elpida Memory EDS1232AHTA Datasheet HTML 2Page - Elpida Memory EDS1232AHTA Datasheet HTML 3Page - Elpida Memory EDS1232AHTA Datasheet HTML 4Page - Elpida Memory EDS1232AHTA Datasheet HTML 5Page - Elpida Memory EDS1232AHTA Datasheet HTML 6Page - Elpida Memory EDS1232AHTA Datasheet HTML 7Page - Elpida Memory EDS1232AHTA Datasheet HTML 8Page - Elpida Memory EDS1232AHTA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Document No. E1163E30 (Ver. 3.0)
Date Published January 2008 (K) Japan
Printed in Japan
URL: http://www.elpida.com
©Elpida Memory, Inc. 2007-2008
DATA SHEET
128M bits SDRAM
EDS1232AHTA (4M words
× 32 bits)
Specifications
• Density: 128M bits
• Organization
⎯ 1M words × 32 bits × 4 banks
• Package: 86-pin plastic TSOP (II)
⎯ Lead-free (RoHS compliant)
• Power supply: VDD, VDDQ = 3.3V ± 0.3V
• Clock frequency: 166MHz/133MHz (max.)
• Four internal banks for concurrent operation
• Interface: LVTTL
• Burst lengths (BL): 1, 2, 4, 8, full page
• Burst type (BT):
⎯ Sequential (1, 2, 4, 8, full page)
⎯ Interleave (1, 2, 4, 8)
• /CAS Latency (CL): 2, 3
• Precharge: auto precharge option for each burst
access
• Refresh: auto-refresh, self-refresh
• Refresh cycles: 4096 cycles/64ms
⎯ Average refresh period: 15.6μs
• Operating ambient temperature range
⎯ TA = 0°C to +70°C
Features
• ×32 organization
• Single pulsed /RAS
• Burst read/write operation and burst read/single write
operation capability
• Byte control by DQM
Pin Configurations
/xxx indicates active low signal.
(Top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSS
DQM1
NC
NC
CLK
CKE
A9
A8
A7
A6
A5
A4
A3
DQM3
VSS
NC
DQ31
VDDQ
DQ30
DQ29
VSSQ
DQ28
DQ27
VDDQ
DQ26
DQ25
VSSQ
DQ24
VSS
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDD
DQM0
/WE
/CAS
/RAS
/CS
A11
BA0
BA1
A10(AP)
A0
A1
A2
DQM2
VDD
NC
DQ16
VSSQ
DQ17
DQ18
VDDQ
DQ19
DQ20
VSSQ
DQ21
DQ22
VDDQ
DQ23
VDD
86-pin Plastic TSOP(II)
Address inputs
Bank select
Data input/output
Chip select
Row address strobe
Column address strobe
Write enable
DQ mask enable
Clock enable
Clock input
Supply voltage
Ground
Supply voltage
for DQ
Ground for DQ
No connection
A0 to A11
BA0, BA1
DQ0 to DQ31
/CS
/RAS
/CAS
/WE
DQM0 to DQM3
CKE
CLK
VDD
VSS
VDDQ
VSSQ
NC


Similar Part No. - EDS1232AHTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AHTA-75TI-E ELPIDA-EDS1232AHTA-75TI-E Datasheet
750Kb / 50P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1232AHTA-TI ELPIDA-EDS1232AHTA-TI Datasheet
750Kb / 50P
   128M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS1232AHTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com