Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1116ACSE-6ELI-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EDE1116ACSE-6ELI-E
Description  1G bits DDR2 SDRAM WTR (Wide Temperature Range)
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1116ACSE-6ELI-E Datasheet(HTML) 2 Page - Elpida Memory

  EDE1116ACSE-6ELI-E Datasheet HTML 1Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 2Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 3Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 4Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 5Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 6Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 7Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 8Page - Elpida Memory EDE1116ACSE-6ELI-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
EDE1116ACSE-LI
Data Sheet E1103E20 (Ver. 2.0)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
Banks
Speed bin
(CL-tRCD-tRP)
Package
EDE1116ACSE-6ELI-E
C
64M
× 16
8
DDR2-667 (5-5-5)
84-ball FBGA
Part Number
Elpida Memory
Density / Bank
11: 1Gb / 8-bank
Organization
16: x16
Power Supply, Interface
A: 1.8V, SSTL_18
Die Rev.
Package
SE: FBGA (with back cover)
Speed
6E: DDR2-667 (5-5-5)
Product Family
E: DDR2
Type
D: Monolithic Device
E D E 11 16 A C SE - 6E LI - E
Spec Detail
LI: WTR (
−40°C to +95°C)
& Low Power
Environment code
E: Lead Free
(RoHS compliant)


Similar Part No. - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1116ACSE-6E-E ELPIDA-EDE1116ACSE-6E-E Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1116ACSE-6ELI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6416AJTA-TI ELPIDA-EDS6416AJTA-TI Datasheet
637Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS1232AATA-MI ELPIDA-EDS1232AATA-MI Datasheet
643Kb / 53P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS1216AGTA-TI ELPIDA-EDS1216AGTA-TI Datasheet
646Kb / 49P
   128M bits SDRAM WTR (Wide Temperature Range)
EDS6416AHTA-TI ELPIDA-EDS6416AHTA-TI Datasheet
694Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
EDS6432AFBH-TT ELPIDA-EDS6432AFBH-TT Datasheet
714Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com