Part Name
         Description
EBE21FD4AJFT

 2GB Fully Buffered DIMM ( 22 Page)


ELPIDA
100% 
Zoom Out Zoom In
 
 2 page
background image
EBE21FD4AJFT
Data Sheet E1089E30 (Ver. 3.0)
2
Ordering Information
Part number
DIMM speed
grade
Component JEDEC
speed bin (CL-tRCD-tRP)
Mounted devices*
1
Mounted AMB*
2
EBE21FD4AJFT-6E-E
PC2-5300F
DDR2-667 (5-5-5)
EDE5104AJSE-6E-E
IDT Rev. C1
Notes: 1. Please refer to the EDE5104AJSE, EDE5108AJSE, EDE5116AJSE datasheet (E1043E) for detailed
operation part and timing waveforms.
2. Please refer to the following documents for detailed operation part and timing waveforms.
Advanced Memory Buffer (AMB) specification
FB-DIMM Architecture and Protocol specification
Part Number
Elpida Memory
Density / Rank
21: 2GB/2-rank
Module Type
F: Fully Buffered
Mono Density
D: 512Mbit
Die Rev. (Mono)
DRAM Speed Grade
6E: DDR2-667 (5-5-5)
Product Family
E: DDR2
Type
B: Module
Power Supply, Interface
A: 1.8V, SSTL_1.8
Module Outline
F: 240-pin DIMM
AMB Device Information
T: IDT, Rev.C1
Mono Organization
4: x4
E B E 21 F D 4 A J F T - 6E - E
Environment code
E: Lead Free
(RoHS compliant)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl