Part Name
         Description
EBE21FD4AJFT

 2GB Fully Buffered DIMM ( 22 Page)


ELPIDA
100% 
Zoom Out Zoom In
 14 page
background image
EBE21FD4AJFT
Data Sheet E1089E30 (Ver. 3.0)
14
Differential Transmitter Output Specifications*
1
Parameter
Symbol
min.
max.
Unit
Comments
Differential peak-to-peak
output voltage for large
voltage swing
VTX-DIFFp-p_L
900
1300
mV
VTX-DIFFp-p = 2
× | VTX-D+ − VTX-D- |
Measured as note 2
Differential peak-to-peak
output voltage for regular
voltage swing
VTX-DIFFp-p_R
800
mV
VTX-DIFFp-p = 2
× | VTX-D+ − VTX-D- |
Measured as note 2
Differential peak-to-peak
output voltage for small
voltage swing
VTX-DIFFp-p_S
520
mV
VTX-DIFFp-p = 2
× | VTX-D+ − VTX-D- |
Measured as note 2
DC common code
output voltage for large
voltage swing
VTX-CM_L
375
mV
Defined as:
VTX-CM = DC (avg) of |VTX-D+
+ VTX-D-|/2
Measured as note 2
DC common code
output voltage for small
voltage swing
VTX-CM_S
135
280
mV
Defined as:
VTX-CM = DC (avg) of |VTX-D+ + VTX-D-|/2
Measured as note 2. See also note 3
De-emphasized differential
output voltage ratio for
-3.5dB de-emphasis
VTX-DE-3.5-Ratio
3.0
4.0
dB
2, 4, 5
De-emphasized differential
output voltage ratio for
-6dB de-emphasis
VTX-DE-6.0-Ratio
5.0
7.0
dB
2, 4, 5
AC peak-to-peak common
mode output voltage for large
swing
VTX-CM-ACp-p L
90
mV
VTX-CM-AC =
Max |VTX-D+ + VTX-D-|/2 – Min |VTX-D+
+ VTX-D-|/2
Measured as note 2. See also note 6
AC peak-to-peak common
mode output voltage for
regular swing
VTX-CM-ACp-p R
80
mV
VTX-CM-AC =
Max |VTX-D+ + VTX-D-|/2 – Min |VTX-D+
+ VTX-D-|/2
Measured as note 2. See also note 6
AC peak-to-peak common
mode output voltage for small
swing
VTX-CM-ACp-p S
70
mV
VTX-CM-AC =
Max |VTX-D+ + VTX-D-|/2 – Min |VTX-D+
+ VTX-D-|/2
Measured as note 2. See also note 6
Maximum single-ended
voltage in EI condition,
DC + AC
VTX-IDLE-SE
50
mV
7, 8
Maximum single-ended
voltage in EI condition,
DC only
VTX-IDLE-SE-DC
20
mV
7, 8, 9
Maximum peak-to-peak
differential voltage in EI
condition
VTX-IDLE-DIFFp-p
40
mV
8
Single-ended voltage
(w.r.t.VSS) on D+/D-
VTX-SE
−75
750
mV
2, 10
Minimum TX eye width
TTX-Eye-MIN
0.7
UI
2, 11, 12
Maximum TX deterministic
jitter
TTX-DJ-DD
0.2
UI
2, 11, 12, 13
Instantaneous pulse width
TTX-PULSE
0.85
UI
14
Differential TX output rise/fall
time
TTX-RISE,
TTX-FALL
30
90
ps
Given by 20%-80% voltage levels.
Measured as note 2
Mismatch between rise and
fall times
TTX-RF-MISMATCH
20
ps
Differential return loss
RLTX-DIFF
8
dB
Measured over 0.1GHz to 2.4GHz.
See also note 15
Common mode return loss
RLTX-CM
6
dB
Measured over 0.1GHz to 2.4GHz.
See also note 15



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl