Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM17412GA-S Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM17412GA-S
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM17412GA-S Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM17412GA-S Datasheet HTML 1Page - ELM Technology Corporation ELM17412GA-S Datasheet HTML 2Page - ELM Technology Corporation ELM17412GA-S Datasheet HTML 3Page - ELM Technology Corporation ELM17412GA-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
4
8
12
16
20
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
0.1
1.0
10.0
100.0
0.1
1
10
100
Vds (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
10ms
1ms
1s
10s
DC
Rds(on)
limited
Tj(max)=150°C
Ta=25°C
100m
=10V
ID=2.2A
Single Pulse
D=Ton/T
Tj,pk=Ta+Pdm.ZTja.RTja
RTja=250°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Tj(max)=150°C
Ta=25°C
T
T
P
Ton
Pd
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
3.5
Qg (nC)
Figure 7: Gate-Charge Characteristics
Vds=15V
Id=2.1A
0
50
100
150
200
250
300
350
400
05
10
15
Vds (Volts)
Figure 8: Capacitance Characteristics
Ciss


Similar Part No. - ELM17412GA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17410FA-S ELM-TECH-ELM17410FA-S Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM17411GA-S ELM-TECH-ELM17411GA-S Datasheet
94Kb / 4P
   Single P-channel MOSFET
ELM17413FA-S ELM-TECH-ELM17413FA-S Datasheet
96Kb / 4P
   Single P-channel MOSFET
ELM17415GA-S ELM-TECH-ELM17415GA-S Datasheet
99Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM17412GA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com