Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD10323BBH-5BLS-F Datasheet(PDF) 10 Page - Elpida Memory

Part # EDD10323BBH-5BLS-F
Description  1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD10323BBH-5BLS-F Datasheet(HTML) 10 Page - Elpida Memory

Back Button EDD10323BBH-5BLS-F Datasheet HTML 6Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 7Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 8Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 9Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 10Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 11Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 12Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 13Page - Elpida Memory EDD10323BBH-5BLS-F Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
EDD10323BBH-LS
Preliminary Data Sheet E1435E20 (Ver. 2.0)
10
Test Conditions
Parameter
Symbol
Value
Unit
Note
Input high voltage
VIH (AC)
0.8
× VDDQ
V
1
Input low voltage
VIL (AC)
0.2
× VDDQ
V
1
Input differential voltage, CK and /CK inputs
VID (AC)
1.4
V
1
Input differential cross point voltage,
CK and /CK inputs
VIX (AC)
VDDQ/2 with VDD=VDDQ
V
Input signal slew rate
SLEW
1
V/ns
1
Output load
CL
15
pF
Note: 1. VDD
= VDDQ
tCK
tCH
tLZ
tAC
tCL
/CK
CK
VID
VIX
DQOUT
(DQOUT)
Q1
Q2
VDDQ/2
T
slew rate =
T
(V
IH − VIL)
VIH
VIL
Test Condition (Wave form and Timing Reference)
DQ
CL
Output Load


Similar Part No. - EDD10323BBH-5BLS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10321BBH-5BTS-F ELPIDA-EDD10321BBH-5BTS-F Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10321BBH-6ETS-F ELPIDA-EDD10321BBH-6ETS-F Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results

Similar Description - EDD10323BBH-5BLS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10163BBH-LS ELPIDA-EDD10163BBH-LS Datasheet
817Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD25163HBH-LS ELPIDA-EDD25163HBH-LS Datasheet
788Kb / 60P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51323DBH-LS ELPIDA-EDD51323DBH-LS Datasheet
790Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD2532DGBH-TT ELPIDA-EDD2532DGBH-TT Datasheet
767Kb / 57P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com