Part Name
         Description
EDD51163DBH-6ELS-F

 512M bits DDR Mobile RAM™ WTR (Wide Temperature Range), Low Power Function ( 60 Page)


ELPIDA
100% 
Zoom Out Zoom In
 37 page
background image
EDD51163DBH-LS
Preliminary Data Sheet E1433E30 (Ver. 3.0)
37
A Write Command to the Consecutive Read Command Interval: To Interrupt the Write Operation
Destination row of the consecutive read
command
Bank
address
Row address State
Operation
1. Same
Same
ACTIVE
DM must be input 1 cycle prior to the read command input to prevent from being
written invalid data. In case, the read command is input in the next cycle of the
write command, DM is not necessary.
2. Same
Different
—*
1
3. Different
Any
ACTIVE
DM must be input 1 cycle prior to the read command input to prevent from being
written invalid data. In case, the read command is input in the next cycle of the
write command, DM is not necessary.
IDLE
—*
1
Note: 1. Precharge must be preceded to read command. Therefore read command can not interrupt the write
operation in this case.
WRITE to READ Command Interval (Same bank, same ROW address)
in0
in1
in2
out0 out1
out3
CK
/CK
DM
DQ
Command
t1
t0
t2
t3
t4
t5
t6
t7
t8
BL = 4
CL = 3
DQS
Data masked
READ
NOP
WRIT
High-Z
High-Z
out2
[WRITE to READ delay = 1 clock cycle]



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl