Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD25163HBH-6ELS-F Datasheet(PDF) 3 Page - Elpida Memory

Part # EDD25163HBH-6ELS-F
Description  256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD25163HBH-6ELS-F Datasheet(HTML) 3 Page - Elpida Memory

  EDD25163HBH-6ELS-F Datasheet HTML 1Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 2Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 3Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 4Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 5Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 6Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 7Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 8Page - Elpida Memory EDD25163HBH-6ELS-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
EDD25163HBH-LS
Preliminary Data Sheet E1434E30 (Ver. 3.0)
3
Pin Configurations
/xxx indicate active low signal.
A
B
C
D
E
F
G
H
J
12
3
789
(Top View)
K
VSS
DQ15
VSSQ
VDDQ
DQ0
VDD
DQ14
DQ13
VDDQ
VSSQ
DQ2
DQ1
DQ12
DQ11
VSSQ
VDDQ
DQ4
DQ3
DQ10
DQ9
VDDQ
VSSQ
DQ6
DQ5
DQ8
VSSQ
VDDQ
LDQS
DQ7
UDQS
NC
UDM
VDD
LDM
NC
VSS
CK
CKE
/CAS
/RAS
/WE
CK
A12
A11
A9
BA0
BA1
/CS
A8
A7
A6
A0
A1
A10
VSS
A5
A4
A3
A2
VDD
60-ball FBGA
/
Pin name
Function
Pin name
Function
A0 to A12
Address inputs
CK
Clock input
BA0, BA1
Bank select address
/CK
Differential clock input
DQ0 to DQ15
Data-input/output
CKE
Clock enable
UDQS, LDQS
Input and output data strobe
VDD
Power for internal circuit
/CS
Chip select
VSS
Ground for internal circuit
/RAS
Row address strobe
VDDQ
Power for DQ circuit
/CAS
Column address strobe
VSSQ
Ground for DQ circuit
/WE
Write enable
NC
No connection
UDM, LDM
Input mask


Similar Part No. - EDD25163HBH-6ELS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AETA ELPIDA-EDD2516AETA Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-5B-E ELPIDA-EDD2516AETA-5B-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-5C-E ELPIDA-EDD2516AETA-5C-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-6B-E ELPIDA-EDD2516AETA-6B-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
EDD2516AETA-7A-E ELPIDA-EDD2516AETA-7A-E Datasheet
576Kb / 52P
   256M bits DDR SDRAM
More results

Similar Description - EDD25163HBH-6ELS-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2532DGBH-TT ELPIDA-EDD2532DGBH-TT Datasheet
767Kb / 57P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51323DBH-LS ELPIDA-EDD51323DBH-LS Datasheet
790Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10323BBH-LS ELPIDA-EDD10323BBH-LS Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10163BBH-LS ELPIDA-EDD10163BBH-LS Datasheet
817Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10321BBH-TS ELPIDA-EDD10321BBH-TS Datasheet
734Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com