Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDD10321BBH-TS Datasheet(PDF) 6 Page - Elpida Memory

Part # EDD10321BBH-TS
Description  1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD10321BBH-TS Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD10321BBH-TS Datasheet HTML 2Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 3Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 4Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 5Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 6Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 7Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 8Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 9Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
EDD10321BBH-TS
Preliminary Data Sheet E1403E30 (Ver. 3.0)
6
DC Characteristics 1 (TA = –25
°C to +85°C, VDD and VDDQ = 1.7V to 1.95V, VSS and VSSQ = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
(ACT-PRE)
IDD0
-5B
-6E
95
70
mA
One bank active-precharge,
CKE = H, /CS = H between valid commands,
tCK = tCK (min.), tRC = tRC (min.),
Address bus inputs are SWITCHING;
Data bus inputs are STABLE
Standby current in power-down IDD2P
3.2
mA
All banks idle,
CKE = L, /CS = H, tCK = tCK (min.),
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Standby current in power-down
with clock stop
IDD2PS
3.0
mA
All banks idle,
CKE = L, /CS = H, CK = L, /CK = H,
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Standby current in
non power-down
IDD2N
6.0
mA
All banks idle,
CKE = H, /CS = H, tCK = tCK (min.),
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Standby current in non power-
down with clock stop
IDD2NS
4.0
mA
All banks idle,
CKE = H, /CS = H, CK = L, /CK = H,
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Active standby current in
power-down
IDD3P
5.0
mA
One bank active,
CKE = L, /CS = H, tCK = tCK (min.),
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Active standby current in
power-down with clock stop
IDD3PS
4.0
mA
One bank active,
CKE = L, /CS = H, CK = L, /CK = H;
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Active standby current in non
power-down
IDD3N
10
mA
One bank active,
CKE = H, /CS = H, tCK = tCK (min.),
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Active standby current in non
power-down with clock stop
IDD3NS
7.0
mA
One bank active,
CKE = H, /CS = H, CK = L, /CK = H,
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Burst operating current
IDD4
-5B
-6E
155
130
mA
One bank active,
Continuous burst reads or writes;
tCK = tCK (min.), CL = 3, BL = 4, IOUT = 0mA,
Address inputs are SWITCHING,
50% data change each burst transfer
Auto-refresh current
IDD5
120
mA
CKE = H, tCK = tCK (min.), tRFC = tRFC (min.),
Address and control inputs are SWITCHING;
Data bus inputs are STABLE
Self-refresh current
IDD6
4.0
mA
CKE = L


Similar Part No. - EDD10321BBH-TS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10323BBH-5BLS-F ELPIDA-EDD10323BBH-5BLS-F Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10323BBH-6ELS-F ELPIDA-EDD10323BBH-6ELS-F Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10323BBH-LS ELPIDA-EDD10323BBH-LS Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
More results

Similar Description - EDD10321BBH-TS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10323BBH-LS ELPIDA-EDD10323BBH-LS Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10163BBH-LS ELPIDA-EDD10163BBH-LS Datasheet
817Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD2532DGBH-TT ELPIDA-EDD2532DGBH-TT Datasheet
767Kb / 57P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDD25163HBH-LS ELPIDA-EDD25163HBH-LS Datasheet
788Kb / 60P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com