Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE21UE8AEFB-6E-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EBE21UE8AEFB-6E-E
Description  2GB Unbuffered DDR2 SDRAM DIMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21UE8AEFB-6E-E Datasheet(HTML) 5 Page - Elpida Memory

  EBE21UE8AEFB-6E-E Datasheet HTML 1Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 2Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 3Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 4Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 5Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 6Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 7Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 8Page - Elpida Memory EBE21UE8AEFB-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
EBE21UE8AEFB
Preliminary Data Sheet E1401E10 (Ver. 1.0)
5
Serial PD Matrix
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
1
0
0
0
08H
DDR2 SDRAM
3
Number of row address
0
0
0
0
1
1
1
0
0EH
14
4
Number of column address
0
0
0
0
1
0
1
0
0AH
10
5
Number of DIMM ranks
0
1
1
0
0
0
0
1
61H
2
6
Module data width
0
1
0
0
0
0
0
0
40H
64
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this
assembly
0
0
0
0
0
1
0
1
05H
SSTL 1.8V
9
DDR SDRAM cycle time, CL = X
-8G (CL = 6)
0
0
1
0
0
1
0
1
25H
2.5ns*
1
-6E (CL = 5)
0
0
1
1
0
0
0
0
30H
3.0ns*
1
10
SDRAM access from clock (tAC)
-8G
0
1
0
0
0
0
0
0
40H
0.4ns*
1
-6E
0
1
0
0
0
1
0
1
45H
0.45ns*
1
11
DIMM configuration type
0
0
0
0
0
0
0
0
00H
None
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8
µs
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
14
Error checking SDRAM width
0
0
0
0
0
0
0
0
00H
None
15
Reserved
0
0
0
0
0
0
0
0
00H
0
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
0
0
0CH
4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
1
0
0
0
08H
8
18
SDRAM device attributes: /CAS
latency
-8G
0
1
1
1
0
0
0
0
70H
4, 5, 6
-6E
0
0
1
1
1
0
0
0
38H
3, 4, 5
19
DIMM Mechanical Characteristics
0
0
0
0
0
0
0
1
01H
4.00mm max.
20
DIMM type information
0
0
0
0
0
0
1
0
02H
Unbuffered
21
SDRAM module attributes
0
0
0
0
0
0
0
0
00H
Normal
22
SDRAM device attributes: General
0
0
0
0
0
0
1
1
03H
Weak Driver
50
Ω ODT Support
23
Minimum clock cycle time at
CL = X
− 1
-8G (CL = 5)
0
0
1
1
0
0
0
0
30H
3.0ns*
1
-6E (CL = 4)
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
24
Maximum data access time (tAC)
from clock at CL = X
− 1
-8G (CL = 5)
0
1
0
0
0
1
0
1
45H
0.45ns*
1
-6E (CL = 4)
0
1
0
1
0
0
0
0
50H
0.5ns*
1
25
Minimum clock cycle time at
CL = X
− 2
-8G (CL = 4)
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
-6E (CL = 3)
0
1
0
1
0
0
0
0
50H
5.0ns*
1


Similar Part No. - EBE21UE8AEFB-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-6E-E ELPIDA-EBE21UE8AEFA-6E-E Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-6E-F ELPIDA-EBE21UE8AEFA-6E-F Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-8G-E ELPIDA-EBE21UE8AEFA-8G-E Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-8G-F ELPIDA-EBE21UE8AEFA-8G-F Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE21UE8AEFB-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AFFA ELPIDA-EBE21UE8AFFA Datasheet
242Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWA ELPIDA-EBE21UE8ACWA Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21EE8ABFA ELPIDA-EBE21EE8ABFA Datasheet
229Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEWA ELPIDA-EBE21UE8AEWA Datasheet
253Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8ACWB ELPIDA-EBE21UE8ACWB Datasheet
250Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU02G64B4BF2SA-25R ETC2-SEU02G64B4BF2SA-25R Datasheet
988Kb / 16P
   2GB DDR2 . SDRAM unbuffered DIMM
logo
Elpida Memory
EBE21UE8ABFA ELPIDA-EBE21UE8ABFA Datasheet
224Kb / 27P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21EE8ACFA ELPIDA-EBE21EE8ACFA Datasheet
254Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com