Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE1104AFSE-6E-F Datasheet(PDF) 10 Page - Elpida Memory

Part # EDE1104AFSE-6E-F
Description  1G bits DDR2 SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1104AFSE-6E-F Datasheet(HTML) 10 Page - Elpida Memory

Back Button EDE1104AFSE-6E-F Datasheet HTML 6Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 7Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 8Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 9Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 10Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 11Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 12Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 13Page - Elpida Memory EDE1104AFSE-6E-F Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
EDE1104AFSE, EDE1108AFSE
Data Sheet E1390E30 (Ver. 3.0)
10
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-800
DDR2-800
DDR2-667
Parameter
5-5-5
6-6-6
5-5-5
Unit
CL (IDD)
5
6
5
tCK
tRCD (IDD)
12.5
15
15
ns
tRC (IDD)
57.5
60
60
ns
tRRD (IDD)
7.5
7.5
7.5
ns
tFAW (IDD)
35
35
37.5
ns
tCK (IDD)
2.5
2.5
3
ns
tRAS (min.)(IDD)
45
45
45
ns
tRAS (max.)(IDD)
70000
70000
70000
ns
tRP (IDD)
12.5
15
15
ns
tRFC (IDD)
127.5
127.5
127.5
ns
IDD7 Timing Patterns for 8 Banks
The detailed timings are shown in the IDD7 Timing Patterns for 8 Banks tables.
Speed bins
Timing Patterns
DDR2-667
A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D A4 RA4 D A5 RA5 D A6 RA6 D A7 RA7 D D
DDR2-800
A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D D A4 RA4 D A5 RA5 D A6 RA6 D A7 RA7 D D D
Remark: A = Active. RA = Read with auto precharge. D = Deselect
Notes: 1. All banks are being interleaved at minimum tRC (IDD) without violating tRRD (IDD) and tFAW (IDD) using
a Burst length = 4.
2. Control and address bus inputs are STABLE during DESELECTs.
3. IOUT = 0mA.


Similar Part No. - EDE1104AFSE-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104AASE ELPIDA-EDE1104AASE Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-4A-E ELPIDA-EDE1104AASE-4A-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-5C-E ELPIDA-EDE1104AASE-5C-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-6E-E ELPIDA-EDE1104AASE-6E-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1104AFSE-6E-F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com