Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBJ10EE8BAWA Datasheet(PDF) 7 Page - Elpida Memory

Part # EBJ10EE8BAWA
Description  1GB Unbuffered DDR3 SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ10EE8BAWA Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBJ10EE8BAWA Datasheet HTML 3Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 4Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 5Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 6Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 7Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 8Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 9Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 10Page - Elpida Memory EBJ10EE8BAWA Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
EBJ10EE8BAWA
Data Sheet E1368E30 (Ver. 3.0)
7
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
22
SDRAM minimum active to precharge time
(tRAS), LSB
DJ
0
0
1
0
0
0
0
0
20H
36ns
-AE, -8C
0
0
1
0
1
1
0
0
2CH
37.5ns
23
SDRAM minimum active to active /auto-
refresh time (tRC), LSB
-DJ
1
0
0
0
1
1
0
0
8CH
49.5ns
-AE
1
0
0
1
0
1
0
1
95H
50.625ns
-8C
1
0
1
0
0
1
0
0
A4H
52.5ns
24
SDRAM minimum refresh recovery time
delay (tRFC), LSB
0
1
1
1
0
0
0
0
70H
110ns
25
SDRAM minimum refresh recovery time
delay (tRFC), MSB
0
0
0
0
0
0
1
1
03H
110ns
26
SDRAM minimum internal write to read
command delay (tWTR)
0
0
1
1
1
1
0
0
3CH
7.5ns
27
SDRAM minimum internal read to
precharge command delay (tRTP)
0
0
1
1
1
1
0
0
3CH
7.5ns
28
Upper nibble for tFAW
-DJ
0
0
0
0
0
0
0
0
00H
-AE, -8C
0
0
0
0
0
0
0
1
01H
29
Minimum four activate window delay time
(tFAW)
-DJ
1
1
1
1
0
0
0
0
F0H
30ns
-AE
0
0
1
0
1
1
0
0
2CH
37.5ns
-8C
0
1
0
0
0
0
0
0
40H
40ns
30
SDRAM output drivers supported
1
0
0
0
0
0
1
1
83H
DLL-off/RZQ/6, 7
31
SDRAM refresh options
1
0
0
0
0
0
0
1
81H
PASR/2X refresh at
+85C° to +95C°
32
Module thermal sensor
1
0
0
0
0
0
0
0
80H
Incorporated
33
SDRAM device type
0
0
0
0
0
0
0
0
00H
Standard
34 to 59 Reserved
0
0
0
0
0
0
0
0
00H
60
Module nominal height
0
0
0
0
1
1
1
1
0FH
29 < height
≤ 30mm
61
Module maximum thickness
0
0
0
0
0
0
0
1
01H
62
Reference raw card used
0
0
0
0
0
0
1
1
03H
Raw Card D
63
Address mapping from edge connecter to
DRAM
0
0
0
0
0
0
0
0
00H
Standard
64 to
116
Module specific section
0
0
0
0
0
0
0
0
00H
117
Module ID: manufacturer’s JEDEC ID
code, LSB
0
0
0
0
0
0
1
0
02H
Elpida Memory
118
Module ID: manufacturer’s JEDEC ID
code, MSB
1
1
1
1
1
1
1
0
FEH
Elpida Memory
119
Module ID: manufacturing location
×
×
×
×
×
×
×
×
××
120
Module ID: manufacturing date
×
×
×
×
×
×
×
×
××
Year code (BCD)
121
Module ID: manufacturing date
×
×
×
×
×
×
×
×
××
Week code (BCD)
122 to
125
Module ID: module serial number
×
×
×
×
×
×
×
×
××
126
Cyclical redundancy code (CRC)
-DJ
0
0
1
1
0
0
1
1
33H
-AE
0
0
0
0
0
1
1
0
06H
-8C
1
0
0
1
1
1
1
0
9EH


Similar Part No. - EBJ10EE8BAWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-8C-E ELPIDA-EBJ10EE8BAFA-8C-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-AE-E ELPIDA-EBJ10EE8BAFA-AE-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-DJ-E ELPIDA-EBJ10EE8BAFA-DJ-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ10EE8BAWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBD11ED8ABFA ELPIDA-EBD11ED8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com