Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE41FE4ACFR Datasheet(PDF) 3 Page - Elpida Memory

Part # EBE41FE4ACFR
Description  4GB Fully Buffered DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE41FE4ACFR Datasheet(HTML) 3 Page - Elpida Memory

  EBE41FE4ACFR Datasheet HTML 1Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 2Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 3Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 4Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 5Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 6Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 7Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 8Page - Elpida Memory EBE41FE4ACFR Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
EBE41FE4ACFR
Data Sheet E1344E20 (Ver. 2.0)
3
Advanced Memory Buffer Overview
The Advanced Memory Buffer (AMB) reference design complies with the FB-DIMM Architecture and Protocol
Specification. It supports DDR2 SDRAM main memory. The AMB allows buffering of memory traffic to support large
memory capacities. All memory control for the DRAM resides in the host, including memory request initiation, timing,
refresh, scrubbing, sparing, configuration access, and power management. The AMB interface is responsible for
handling FB-DIMM channel and memory requests to and from the local DIMM and for forwarding requests to other
DIMMs on the FB-DIMM channel.
The FB-DIMM provides a high memory bandwidth, large capacity channel solution that has a narrow host interface.
FB-DIMMs use commodity DRAMs isolated from the channel behind a buffer on the DIMM. The memory capacity is
288 devices per channel and total memory capacity scales with DRAM bit density.
The AMB is the buffer that isolates the DRAMs from the channel.
Advanced Memory Buffer Functionality
The AMB will perform the following FB-DIMM channel functions.
• Supports channel initialization procedures as defined in the initialization chapter of the FB-DIMM Architecture and
Protocol Specification to align the clocks and the frame boundaries, verify channel connectivity, and identify AMB
DIMM position.
• Supports the forwarding of southbound and northbound frames, servicing requests directed to a specific AMB or
DIMM, as defined in the protocol chapter, and merging the return data into the northbound frames.
• If the AMB resides on the last DIMM in the channel, the AMB initializes northbound frames.
• Detects errors on the channel and reports them to the host memory controller.
• Support the FB-DIMM configuration register set as defined in the register chapters.
• Acts as DRAM memory buffer for all read, write, and configuration accesses addressed to the DIMM.
• Provides a read buffer FIFO and a write buffer FIFO.
• Supports an SMBus protocol interface for access to the AMB configuration registers.
• Provides logic to support MemBIST and IBIST design for test functions.
• Provides a register interface for the thermal sensor and status indicator.
• Functions as a repeater to extend the maximum length of FB-DIMM links.


Similar Part No. - EBE41FE4ACFR

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41FE4ACFT ELPIDA-EBE41FE4ACFT Datasheet
211Kb / 22P
   4GB Fully Buffered DIMM
EBE41FE4ACFT-6E-E ELPIDA-EBE41FE4ACFT-6E-E Datasheet
211Kb / 22P
   4GB Fully Buffered DIMM
More results

Similar Description - EBE41FE4ACFR

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE41FE4ACWT ELPIDA-EBE41FE4ACWT Datasheet
211Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACFR ELPIDA-EBE42FE8ACFR Datasheet
259Kb / 22P
   4GB Fully Buffered DIMM
EBE41FE4ABHD ELPIDA-EBE41FE4ABHD Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE41FE4ACFT ELPIDA-EBE41FE4ACFT Datasheet
211Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com