Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU20-24F-15S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # SU20-24F-15S
Description  Encapsulated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SU20-24F-15S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  SU20-24F-15S Datasheet HTML 1Page - Arch Electronics Corp. SU20-24F-15S Datasheet HTML 2Page - Arch Electronics Corp. SU20-24F-15S Datasheet HTML 3Page - Arch Electronics Corp. SU20-24F-15S Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VER : A_4
update : 98.04.09
Encapsulated DC-DC Converter
SU20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
( Single Output )
SU20-12-3.3S
SU20-24-3.3S
SU20-24F-3.3S
SU20-48-3.3S
SU20-48F-3.3S
SU20-12-5S
SU20-24-5S
SU20-24F-5S
SU20-48-5S
SU20-48F-5S
SU20-12-12S
SU20-24-12S
SU20-24F-12S
SU20-48-12S
SU20-48F-12S
SU20-12-15S
SU20-24-15S
SU20-24F-15S
SU20-48-15S
SU20-48F-15S
SU20-12-24S
SU20-24-24S
SU20-24F-24S
SU20-48-24S
SU20-48F-24S
Max Output Wattage (W)
13.2W
20W
20W
20W
20W
Input
Input Filter
π type
Voltage (V.DC.)
3.3
5
12
15
24
Voltage Accuracy
±2%
Current (mA) max
4000
4000
1670
1330
833
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±0.5%
Ripple
<0.2% Vout +20mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Trim
±10%
Output
Switching Frequency
2:1 Range :200KHz
4:1 Range :250KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
2:1 Range: -25°C…+70°C (at Full Load)
4:1 Range: -25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 2.0 x 0.45 Inches ( 50.8 x 50.8 x 11.4 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
70 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE (Pending)
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Dual、Triple Output )
SU20-12-5D
SU20-24-5D
SU20-24F-5D
SU20-48-5D
SU20-48F-5D
SU20-12-12D
SU20-24-12D
SU20-24F-12D
SU20-48-12D
SU20-48F-12D
SU20-12-15D
SU20-24-15D
SU20-24F-15D
SU20-48-15D
SU20-48F-15D
SU20-12-5S12D
SU20-24-5S12D
SU20-48-5S12D
SU20-12-5S15D
SU20-24-5S15D
SU20-48-5S15D
Max Output Wattage (W)
20W
20W
20W
20W
20W
Input
Input Filter
π type
Voltage (V.DC.)
±5
±12
±15
5/
±12
5/
±15
Voltage Accuracy
±2%
Current (mA) max
±2000
±833
±660
2500/
±300
2500 /
±250
Line Regulation (LL-HL) (typ.)
±0.5%
±1% / ±5%
Load Regulation (10-100%) (typ.)
±3%
±3% / ±5%
Ripple
<0.2% Vout +20mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Trim
±10%
None
Output
Switching Frequency
2:1 Range :200KHz
4:1 Range :250KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
2:1 Range: -25°C…+70°C (at Full Load)
4:1 Range: -25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217E)
Dimension (L x W x H)
2.0 x 2.0 x 0.45 Inches ( 50.8 x 50.8 x 11.4 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
70 g
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE (Pending)
EMC
EMI (Conducted & Radiated Emission)
EN 55022 class A
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.


Similar Part No. - SU20-24F-15S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SU20-24F-15S ASTRODYNE-SU20-24F-15S Datasheet
288Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
SU20-24F-15S ASTRODYNE-SU20-24F-15S Datasheet
208Kb / 3P
   Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Arch Electronics Corp.
SU20-24F-15S ARCH-SU20-24F-15S Datasheet
291Kb / 4P
   Power Module for PCB Mountable
More results

Similar Description - SU20-24F-15S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com