Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW20-24-12S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # SW20-24-12S
Description  Encapsulated DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SW20-24-12S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  SW20-24-12S Datasheet HTML 1Page - Arch Electronics Corp. SW20-24-12S Datasheet HTML 2Page - Arch Electronics Corp. SW20-24-12S Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_2
update : 98.04.27
Encapsulated DC-DC Converter
SW20 SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
The output noise is measured with 0.1
μF tantalum capacitor.
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
18V
24V
36V
VIN
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
LOAD
Model No.
( Single Output )
SW15-12-3.3S
SW15-24-3.3S
SW15-48-3.3S
SW15-12-5S
SW15-24-5S
SW15-48-5S
SW15-12-12S
SW15-24-12S
SW15-48-12S
SW15-12-15S
SW15-24-15S
SW15-48-15S
DC-DC ON
Open or +5 VDC ~ +15 VDC
DC-DC OFF
When -DC IN and ON/OFF CTL is Short (or 0 VDC ~ +0.5VDC)
Input Current of Remote Control Pin
1mA
Remote ON/OFF
Remote off State Input Current
4mA
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
MECHANICAL DIMENSION
( Top View )
DERATING
OUTPUT NOISE
SW20-24-5S Efficiency
Load=100%(4A)
VIN=24 VDC
PIN#
Single
1
ON / OFF CTL (Optional)
2
-DC IN
3
+DC IN
4
-DC OUT
5
NO PIN
6
+DC OUT


Similar Part No. - SW20-24-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SW20-24-12S ARCH-SW20-24-12S Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
More results

Similar Description - SW20-24-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com