Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU40 Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # SU40
Description  Encapsulated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SU40 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  SU40 Datasheet HTML 1Page - Arch Electronics Corp. SU40 Datasheet HTML 2Page - Arch Electronics Corp. SU40 Datasheet HTML 3Page - Arch Electronics Corp. SU40 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : A_9
update : 98.04.09
Encapsulated DC-DC Converter
SU40 SERIES
40 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION
( Top View )
BLOCK DIAGRAM
DERATING
PIN#
Single
Dual
Triple
1
ON / OFF
ON / OFF
ON / OFF
2
-VIN
-VIN
-VIN
3
+VIN
+VIN
+VIN
4
TRIM
TRIM
-VOUT
5
-VOUT
-VOUT
COMMON
6
+VOUT
COMMON
+5V OUT
7
NC
+VOUT
+VOUT
Output Voltage (V.DC) : 1.8, 2.5V, 3.3V, 5V
Output Voltage (V.DC) : 12V, 15V, 24V
REMOTE


Similar Part No. - SU40

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SU40-12-12S ARCH-SU40-12-12S Datasheet
303Kb / 4P
   Power Module for PCB Mountable
SU40-12-15S ARCH-SU40-12-15S Datasheet
303Kb / 4P
   Power Module for PCB Mountable
SU40-12-24S ARCH-SU40-12-24S Datasheet
303Kb / 4P
   Power Module for PCB Mountable
SU40-12-5S ARCH-SU40-12-5S Datasheet
303Kb / 4P
   Power Module for PCB Mountable
SU40-24-12S ARCH-SU40-24-12S Datasheet
303Kb / 4P
   Power Module for PCB Mountable
More results

Similar Description - SU40

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com